Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 259 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 259 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 255Page - Renesas Technology Corp H8/3003 Datasheet HTML 256Page - Renesas Technology Corp H8/3003 Datasheet HTML 257Page - Renesas Technology Corp H8/3003 Datasheet HTML 258Page - Renesas Technology Corp H8/3003 Datasheet HTML 259Page - Renesas Technology Corp H8/3003 Datasheet HTML 260Page - Renesas Technology Corp H8/3003 Datasheet HTML 261Page - Renesas Technology Corp H8/3003 Datasheet HTML 262Page - Renesas Technology Corp H8/3003 Datasheet HTML 263Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 715 page
background image
9.2.2 Register Descriptions
Table 9-2 summarizes the registers of port 4.
Table 9-2 Port 4 Registers
Address*
Name
Abbreviation
R/W
Initial Value
H'FFC5
Port 4 data direction register
P4DDR
W
H'00
H'FFC7
Port 4 data register
P4DR
R/W
H'00
H'FFDA
Port 4 input pull-up control register
P4PCR
R/W
H'00
Note: * Lower 16 bits of the address.
Port 4 Data Direction Register (P4DDR): P4DDR is an 8-bit write-only register that can select
input or output for each pin in port 4.
8-Bit Bus Mode: When all areas are designated as 8-bit-access areas, selecting 8-bit bus mode,
port 4 functions as a generic input/output port. A pin in port 4 becomes an output pin if the
corresponding P4DDR bit is set to 1, and an input pin if this bit is cleared to 0.
16-Bit Bus Mode: When at least one area is designated as a 16-bit-access area, selecting 16-bit
bus mode, port 4 functions as the lower data bus.
P4DDR is a write-only register. Its value cannot be read. All bits return 1 when read.
P4DDR is initialized to H'00 by a reset and in hardware standby mode. In software standby mode
it retains its previous setting.
ABWCR and P4DDR are not initialized in software standby mode. When port 4 functions as a
generic input/output port, if a P4DDR bit is set to 1, the corresponding pin maintains its output
state in software standby mode.
Bit
Initial value
Read/Write
7
P4 DDR
0
W
Port 4 data direction 7 to 0
These bits select input or output for port 4 pins
7
6
P4 DDR
0
W
6
5
P4 DDR
0
W
5
4
P4 DDR
0
W
4
3
P4 DDR
0
W
3
2
P4 DDR
0
W
2
1
P4 DDR
0
W
1
0
P4 DDR
0
W
0
241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com