Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 263 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 263 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 259Page - Renesas Technology Corp H8/3003 Datasheet HTML 260Page - Renesas Technology Corp H8/3003 Datasheet HTML 261Page - Renesas Technology Corp H8/3003 Datasheet HTML 262Page - Renesas Technology Corp H8/3003 Datasheet HTML 263Page - Renesas Technology Corp H8/3003 Datasheet HTML 264Page - Renesas Technology Corp H8/3003 Datasheet HTML 265Page - Renesas Technology Corp H8/3003 Datasheet HTML 266Page - Renesas Technology Corp H8/3003 Datasheet HTML 267Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 715 page
background image
9.3 Port 5
9.3.1 Overview
Port 5 is a 4-bit input/output port with the pin configuration shown in figure 9-4. The pin functions
differ depending on the operating mode.
In modes 1 and 2, port 5 is a generic input/output port. In modes 3 and 4, port 5 is used for address
output.
Port 5 has software-programmable built-in pull-up transistors.
Pins in port 5 can drive one TTL load and a 90-pF capacitive load. They can also drive an LED or
a darlington transistor pair.
Figure 9-4 Port 5 Pin Configuration
9.3.2 Register Descriptions
Table 9-4 summarizes the registers of port 5.
Table 9-4 Port 5 Registers
Initial Value
Address*
Name
Abbreviation
R/W
Mode 1/2
Mode 3/4
H'FFC8
Port 5 data direction register
P5DDR
W
H'0F
H'FF
H'FFCA
Port 5 data register
P5DR
R/W
H'00
H'FFDB
Port 5 input pull-up control register
P5PCR
R/W
H'00
Note: * Lower 16 bits of the address.
Port 5
P5 /A
P5 /A
P5 /A
P5 /A
7
6
5
4
23
22
21
20
P5 (input/output)
P5 (input/output)
P5 (input/output)
P5 (input/output)
7
6
5
4
A
(output)
A
(output)
A
(output)
A
(output)
23
22
21
20
Port 5 pins
Modes 1 and 2
Modes 3 and 4
245



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com