Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 264 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 264 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 260Page - Renesas Technology Corp H8/3003 Datasheet HTML 261Page - Renesas Technology Corp H8/3003 Datasheet HTML 262Page - Renesas Technology Corp H8/3003 Datasheet HTML 263Page - Renesas Technology Corp H8/3003 Datasheet HTML 264Page - Renesas Technology Corp H8/3003 Datasheet HTML 265Page - Renesas Technology Corp H8/3003 Datasheet HTML 266Page - Renesas Technology Corp H8/3003 Datasheet HTML 267Page - Renesas Technology Corp H8/3003 Datasheet HTML 268Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 715 page
background image
Port 5 Data Direction Register (P5DDR): P5DDR is an 8-bit write-only register that can select
input or output for each pin in port 5.
Modes 1 and 2 (1-Mbyte Modes): Port 5 functions as a generic input/output port. A pin in port 5
becomes an output pin if the corresponding P5DDR bit is set to 1, and an input pin if this bit is
cleared to 0.
Modes 3 and 4 (16-Mbyte Modes): All P5DDR bits are fixed at 1 and port 5 functions as part of
the address bus. Bits P53DDR to P50DDR are reserved and are also fixed at 1. No bit values can
be modified.
In modes 1 and 2, P5DDR is a write-only register. Its value cannot be read. All bits return 1 when
read.
P5DDR is initialized to H'0F by a reset and in hardware standby mode. In software standby mode
it retains its previous setting, so if a P5DDR bit is set to 1, the corresponding pin maintains its
output state in software standby mode.
Bit
Mode
1/2
Initial value
Read/Write
Initial value
Read/Write
Mode
3/4
7
P5 DDR
0
W
1
—
7
6
P5 DDR
0
W
1
—
6
5
P5 DDR
0
W
1
—
5
4
P5 DDR
0
W
1
—
4
3
P5 DDR
1
—
1
—
3
2
P5 DDR
1
—
1
—
2
1
P5 DDR
1
—
1
—
1
0
P5 DDR
1
—
1
—
0
Port 5 data direction 7 to 4
These bits select input or
output for port 5 pins
Reserved bits
246



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com