Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 268 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 268 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 264Page - Renesas Technology Corp H8/3003 Datasheet HTML 265Page - Renesas Technology Corp H8/3003 Datasheet HTML 266Page - Renesas Technology Corp H8/3003 Datasheet HTML 267Page - Renesas Technology Corp H8/3003 Datasheet HTML 268Page - Renesas Technology Corp H8/3003 Datasheet HTML 269Page - Renesas Technology Corp H8/3003 Datasheet HTML 270Page - Renesas Technology Corp H8/3003 Datasheet HTML 271Page - Renesas Technology Corp H8/3003 Datasheet HTML 272Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 268 / 715 page
background image
9.4 Port 6
9.4.1 Overview
Port 6 is a 3-bit input/output port that is also used for input and output of bus control signals
(
BACK, BREQ, and WAIT). Port 6 has the same set of pin functions in all operating modes.
Figure 9-7 shows the pin configuration of port 6.
Pins in port 6 can drive one TTL load and a 90-pF capacitive load. They can also drive a
darlington transistor pair.
Figure 9-7 Port 6 Pin Configuration
9.4.2 Register Descriptions
Table 9-6 summarizes the registers of port 6.
Table 9-6 Port 6 Registers
Address*
Name
Abbreviation
R/W
Initial Value
H'FFC9
Port 6 data direction register
P6DDR
W
H'80
H'FFCB
Port 6 data register
P6DR
R/W
H'80
Note: * Lower 16 bits of the address.
Port 6
P6 (input/output)/
P6 (input/output)/
P6 (input/output)/
2
1
0
BACK
BREQ
WAIT
(output)
(input)
(input)
Port 6 pins
250



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com