Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 271 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 271 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 267Page - Renesas Technology Corp H8/3003 Datasheet HTML 268Page - Renesas Technology Corp H8/3003 Datasheet HTML 269Page - Renesas Technology Corp H8/3003 Datasheet HTML 270Page - Renesas Technology Corp H8/3003 Datasheet HTML 271Page - Renesas Technology Corp H8/3003 Datasheet HTML 272Page - Renesas Technology Corp H8/3003 Datasheet HTML 273Page - Renesas Technology Corp H8/3003 Datasheet HTML 274Page - Renesas Technology Corp H8/3003 Datasheet HTML 275Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 715 page
background image
Figure 9-8 Port 7 Pin Configuration
9.5.2 Register Description
Table 9-8 summarizes the port 7 register. Port 7 is an input-only port, so it has no data direction
register.
Table 9-8 Port 7 Register
Address*
Name
Abbreviation
R/W
Initial Value
H'FFCE
Port 7 data register
P7DR
R
Undetermined
Note: * Lower 16 bits of the address.
Port 7 Data Register (P7DR)
When port 7 is read, the pin levels are always read.
Port 7
P7 (input)/AN (input)
P7 (input)/AN (input)
P7 (input)/AN (input)
P7 (input)/AN (input)
P7 (input)/AN (input)
P7 (input)/AN (input)
P7 (input)/AN (input)
P7 (input)/AN (input)
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
Port 7 pins
Bit
Initial value
Read/Write
0
P7
—
R
*
Note:
Determined by pins P7 to P7 .
*
0
1
P7
—
R
*
1
2
P7
—
R
*
2
3
P7
—
R
*
3
4
P7
—
R
*
4
5
P7
—
R
*
5
6
P7
—
R
*
6
7
P7
—
R
*
7
70
253



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com