Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 273 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 273 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 269Page - Renesas Technology Corp H8/3003 Datasheet HTML 270Page - Renesas Technology Corp H8/3003 Datasheet HTML 271Page - Renesas Technology Corp H8/3003 Datasheet HTML 272Page - Renesas Technology Corp H8/3003 Datasheet HTML 273Page - Renesas Technology Corp H8/3003 Datasheet HTML 274Page - Renesas Technology Corp H8/3003 Datasheet HTML 275Page - Renesas Technology Corp H8/3003 Datasheet HTML 276Page - Renesas Technology Corp H8/3003 Datasheet HTML 277Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 715 page
background image
Port 8 Data Direction Register (P8DDR): P8DDR is an 8-bit write-only register that can select
input or output for each pin in port 8.
When bits in P8DDR bit are set to 1, P84 to P81 become CS0 to CS3 output pins and P80 becomes
a generic output pin. When bits in P8DDR are cleared to 0, the corresponding pins become input
pins.
P8DDR is a write-only register. Its value cannot be read. All bits return 1 when read.
P8DDR is initialized to H'F0 by a reset and in hardware standby mode. In software standby mode
it retains its previous setting, so if a P8DDR bit is set to 1, the corresponding pin maintains its
output state in software standby mode.
Port 8 Data Register (P8DR): P8DR is an 8-bit readable/writable register that stores data for pins
P84 to P80.
When a bit in P8DDR is set to 1, if port 8 is read the value of the corresponding P8DR bit is
returned directly. When a bit in P8DDR is cleared to 0, if port 8 is read the corresponding pin level
is read.
Bits 7 to 5 are reserved. They cannot be modified and always read 1.
P8DR is initialized to H'E0 by a reset and in hardware standby mode. In software standby mode it
retains its previous setting.
Bit
Initial value
Read/Write
7
—
1
—
6
—
1
—
5
—
1
—
4
P8 DDR
1
W
4
3
P8 DDR
0
W
3
2
P8 DDR
0
W
2
1
P8 DDR
0
W
1
0
P8 DDR
0
W
0
Reserved bits
Port 8 data direction 4 to 0
These bits select input or
output for port 8 pins
Bit
Initial value
Read/Write
7
—
1
—
6
—
1
—
5
—
1
—
4
P8
0
R/W
4
3
P8
0
R/W
3
2
P8
0
R/W
2
1
P8
0
R/W
1
0
P8
0
R/W
0
Reserved bits
Port 8 data 4 to 0
These bits store data
for port 8 pins
255



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com