Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 258 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 258 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 254Page - Renesas Technology Corp H8/3003 Datasheet HTML 255Page - Renesas Technology Corp H8/3003 Datasheet HTML 256Page - Renesas Technology Corp H8/3003 Datasheet HTML 257Page - Renesas Technology Corp H8/3003 Datasheet HTML 258Page - Renesas Technology Corp H8/3003 Datasheet HTML 259Page - Renesas Technology Corp H8/3003 Datasheet HTML 260Page - Renesas Technology Corp H8/3003 Datasheet HTML 261Page - Renesas Technology Corp H8/3003 Datasheet HTML 262Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 715 page
background image
9.2 Port 4
9.2.1 Overview
Port 4 is an 8-bit input/output port with the pin configuration shown in figure 9-1. The pin
functions differ between the 8-bit and 16-bit bus modes.
When the bus width control register (ABWCR) designates areas 0 to 7 all as 8-bit-access areas,
the H8/3003 operates in 8-bit bus mode and port 4 is a generic input/output port. When at least
one of areas 0 to 7 is designated as a 16-bit-access area, the H8/3003 operates in 16-bit bus mode
and port 4 becomes the lower data bus.
Port 4 has software-programmable built-in pull-up transistors.
Pins in port 4 can drive one TTL load and a 90-pF capacitive load. They can also drive a
darlington transistor pair.
Figure 9-1 Port 4 Pin Configuration
Port 4
P4 /D
P4 /D
P4 /D
P4 /D
P4 /D
P4 /D
P4 /D
P4 /D
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
P4 (input/output)
P4 (input/output)
P4 (input/output)
P4 (input/output)
P4 (input/output)
P4 (input/output)
P4 (input/output)
P4 (input/output)
7
6
5
4
3
2
1
0
D (input/output)
D (input/output)
D (input/output)
D (input/output)
D (input/output)
D (input/output)
D (input/output)
D (input/output)
7
6
5
4
3
2
1
0
Port 4 pins
8-bit bus mode
16-bit bus mode
Notes: 1.
2.
Initial state in modes 1 and 3.
Initial state in modes 2 and 4.
*1
*2
240



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com