Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 311 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 311 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 307Page - Renesas Technology Corp H8/3003 Datasheet HTML 308Page - Renesas Technology Corp H8/3003 Datasheet HTML 309Page - Renesas Technology Corp H8/3003 Datasheet HTML 310Page - Renesas Technology Corp H8/3003 Datasheet HTML 311Page - Renesas Technology Corp H8/3003 Datasheet HTML 312Page - Renesas Technology Corp H8/3003 Datasheet HTML 313Page - Renesas Technology Corp H8/3003 Datasheet HTML 314Page - Renesas Technology Corp H8/3003 Datasheet HTML 315Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 311 / 715 page
background image
10.2 Register Descriptions
10.2.1 Timer Start Register (TSTR)
TSTR is an 8-bit readable/writable register that starts and stops the timer counter (TCNT) in
channels 0 to 4.
TSTR is initialized to H'E0 by a reset and in standby mode.
Bits 7 to 5—Reserved: Read-only bits, always read as 1.
Bit 4—Counter Start 4 (STR4): Starts and stops timer counter 4 (TCNT4).
Bit 4
STR4
Description
0
TCNT4 is halted
(Initial value)
1
TCNT4 is counting
Bit 3—Counter Start 3 (STR3): Starts and stops timer counter 3 (TCNT3).
Bit 3
STR3
Description
0
TCNT3 is halted
(Initial value)
1
TCNT3 is counting
Bit 2—Counter Start 2 (STR2): Starts and stops timer counter 2 (TCNT2).
Bit 2
STR2
Description
0
TCNT2 is halted
(Initial value)
1
TCNT2 is counting
Bit
Initial value
Read/Write
7
—
1
—
6
—
1
—
5
—
1
—
4
STR4
0
R/W
3
STR3
0
R/W
2
STR2
0
R/W
1
STR1
0
R/W
0
STR0
0
R/W
Reserved bits
Counter start 4 to 0
These bits start and
stop TCNT4 to TCNT0
293



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com