Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 312 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 312 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 308Page - Renesas Technology Corp H8/3003 Datasheet HTML 309Page - Renesas Technology Corp H8/3003 Datasheet HTML 310Page - Renesas Technology Corp H8/3003 Datasheet HTML 311Page - Renesas Technology Corp H8/3003 Datasheet HTML 312Page - Renesas Technology Corp H8/3003 Datasheet HTML 313Page - Renesas Technology Corp H8/3003 Datasheet HTML 314Page - Renesas Technology Corp H8/3003 Datasheet HTML 315Page - Renesas Technology Corp H8/3003 Datasheet HTML 316Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 312 / 715 page
background image
Bit 1—Counter Start 1 (STR1): Starts and stops timer counter 1 (TCNT1).
Bit 1
STR1
Description
0
TCNT1 is halted
(Initial value)
1
TCNT1 is counting
Bit 0—Counter Start 0 (STR0): Starts and stops timer counter 0 (TCNT0).
Bit 0
STR0
Description
0
TCNT0 is halted
(Initial value)
1
TCNT0 is counting
10.2.2 Timer Synchro Register (TSNC)
TSNC is an 8-bit readable/writable register that selects whether channels 0 to 4 operate
independently or synchronously. Channels are synchronized by setting the corresponding bits to 1.
TSNC is initialized to H'E0 by a reset and in standby mode.
Bits 7 to 5—Reserved: Read-only bits, always read as 1.
Bit 4—Timer Sync 4 (SYNC4): Selects whether channel 4 operates independently or
synchronously.
Bit 4
SYNC4
Description
0
Channel 4’s timer counter (TCNT4) operates independently
(Initial value)
TCNT4 is preset and cleared independently of other channels
1
Channel 4 operates synchronously
TCNT4 can be synchronously preset and cleared
Bit
Initial value
Read/Write
7
—
1
—
6
—
1
—
5
—
1
—
4
SYNC4
0
R/W
3
SYNC3
0
R/W
2
SYNC2
0
R/W
1
SYNC1
0
R/W
0
SYNC0
0
R/W
Reserved bits
Timer sync 4 to 0
These bits synchronize
channels 4 to 0
294



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com