Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38046FEHKP Datasheet(PDF) 330 Page - Renesas Technology Corp

Part # M38046FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38046FEHKP Datasheet(HTML) 330 Page - Renesas Technology Corp

Back Button M38046FEHKP Datasheet HTML 326Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 327Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 328Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 329Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 330Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 331Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 332Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 333Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 334Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 330 / 387 page
background image
3-40
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
APPENDIX
3.3 Notes on use
3.3.18 Notes on wait mode
sClock restoration
If the wait mode is released by a reset when XCIN is set as the system clock and XIN oscillation is
stopped during execution of the WIT instruction, XCIN oscillation stops, XIN oscillations starts, and
XIN is set as the system clock.
In the above case, the RESET pin should be held at “L” until the oscillation is stabilized.
3.3.19 Notes on CPU rewrite mode
(1)
Operation speed
During CPU rewrite mode, set the system clock
φ 4.0 MHz or less using the main clock division ratio
selection bits (bits 6 and 7 of address 003B16).
(2)
Instructions inhibited against use
The instructions which refer to the internal data of the flash memory cannot be used during the CPU
rewrite mode.
(3)
Interrupts inhibited against use
The interrupts cannot be used during the CPU rewrite mode because they refer to the internal data
of the flash memory.
(4)
Watchdog timer
In case of the watchdog timer has been running already, the internal reset generated by watchdog
timer underflow does not happen, because of watchdog timer is always clearing during program or
erase operation.
(5)
Reset
Reset is always valid. In case of CNVSS = “H” when reset is released, boot mode is active. So the
program starts from the address contained in address FFFC16 and FFFD16 in boot ROM area.
3.3.20 Notes on programming
(1)
Processor status register
➀ Initializing of processor status register
Flags which affect program execution must be initialized after a reset.
In particular, it is essential to initialize the T and D flags because they have an important effect
on calculations.
q Reason
After a reset, the contents of the processor status register (PS) are undefined except for the I
flag which is “1”.
Fig. 3.3.5 Initialization of processor status register
Reset
↓
Initializing of flags
↓
Main program



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com