Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38046FEHKP Datasheet(PDF) 327 Page - Renesas Technology Corp

Part # M38046FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38046FEHKP Datasheet(HTML) 327 Page - Renesas Technology Corp

Back Button M38046FEHKP Datasheet HTML 323Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 324Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 325Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 326Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 327Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 328Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 329Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 330Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 331Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 327 / 387 page
background image
3-37
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
APPENDIX
3.3 Notes on use
3.3.10 Notes on A/D converter
(1)
Analog input pin
Make the signal source impedance for analog input low, or equip an analog input pin with an external
capacitor of 0.01
µF to 1 µF. Further, be sure to verify the operation of application products on the
user side.
q Reason
An analog input pin includes the capacitor for analog voltage comparison. Accordingly, when
signals from signal source with high impedance are input to an analog input pin, charge and
discharge noise generates. This may cause the A/D conversion precision to be worse.
(2)
A/D converter power source pin
The AVSS pin is A/D converter power source pins. Regardless of using the A/D conversion function
or not, connect it as following :
• AVSS : Connect to the VSS line
q Reason
If the AVSS pin is opened, the microcomputer may have a failure because of noise or others.
(3)
Clock frequency during A/D conversion
The comparator consists of a capacity coupling, and a charge of the capacity will be lost if the clock
frequency is too low. Thus, make sure the following during an A/D conversion.
• f(XIN) is 500 kHz or more
• Do not execute the STP instruction
(4)
Difference between at 8-bit reading in 10-bit A/D mode and at 8-bit A/D mode
At 8-bit reading in the 10-bit A/D mode, “–1/2 LSB” correction is not performed to the A/D conversion
result.
In the 8-bit A/D mode, the A/D conversion characteristics is the same as 3802 group’s characteristics
because “–1/2 LSB” correction is performed.
n + 1
2 • f(XIN)
n + 1
f(XIN)
Countermeasure:
As explained before, start the time out count at the falling of SDA line of START condition and
reset ES0 bit of the S1D register when the time out is satisfied (Note).
Note: Do not use the read-modify-write instruction at this time. Furthermore, when the ES0 bit is
set to “0”, it becomes a general-purpose port ; so that the port must be set to input mode
or “H”.
3.3.9 Notes on PWM
The PWM starts from “H” level after the PWM enable bit is set to enable and “L” level is temporarily output
from the PWM pin.
The length of this “L“ level output is as follows:
(s)
(Count source selection bit = “0”, where n is the value set in the prescaler)
(s)
(Count source selection bit = “1”, where n is the value set in the prescaler)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com