Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38046FEHKP Datasheet(PDF) 324 Page - Renesas Technology Corp

Part # M38046FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38046FEHKP Datasheet(HTML) 324 Page - Renesas Technology Corp

Back Button M38046FEHKP Datasheet HTML 320Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 321Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 322Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 323Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 324Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 325Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 326Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 327Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 328Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 324 / 387 page
background image
3-34
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
APPENDIX
3.3 Notes on use
(7)
Transmit interrupt request when transmit enable bit is set
When using the transmit interrupt, take the following sequence.
➀ Set the serial I/Oi transmit interrupt enable bit (i = 1, 3) to “0” (disabled).
➁ Set the tranasmit enable bit to “1”.
➂ Set the serial I/Oi transmit interrupt request bit (i = 1, 3) to “0” after 1 or more instruction has
executed.
➃ Set the serial I/Oi transmit interrupt enable bit (i = 1, 3) to “1” (enabled).
q Reason
When the transmission enable bit is set to “1”, the transmit buffer empty flag and transmit shift
register shift completion flag are also set to “1”.
Therefore, regardless of selecting which timing for the generating of transmit interrupts, the interrupt
request is generated and the transmit interrupt request bit is set at this point.
(8)
Writing to baud rate generator i (BRGi) (i = 1, 3)
Write data to the baud rate generator i (BRGi) (i = 1, 3) while the transmission/reception operation
is stopped.
3.3.7 Notes on multi-master I2C-BUS interface
(1)
Read-modify-write instruction
Each register of the multi-master I2C-BUS interface has bits to change by hardware. The precautions
when the read-modify-write instruction such as SEB, CLB etc. is executed for each register of the
multi-master I2C-BUS interface are described below.
➀ I2C data shift register (S0: address 001116)
When executing the read-modify-write instruction for this register during transfer, data may become
a value not intended.
➁ I2C slave address registers 0 to 2 (S0D0 to S0D2: addresses 0FF716 to 0FF916)
When the read-modify-write instruction is executed for this register at detecting the STOP condition,
data may become a value not intended.
q Reason
________
It is because hardware changes the read/write bit (RWB) at detecting the STOP condition.
➂ I2C status register (S1: address 001316)
Do not execute the read-modify-write instruction for this register because all bits of this register
are changed by hardware.
➃ I2C control register (S1D: address 001416)
When the read-modify-write instruction is executed for this register at detecting the START condition
or at completing the byte transfer, data may become a value not intended.
q Reason
Because hardware changes the bit counter (BC0 to BC2).
➄ I2C clock control register (S2: address 001516)
The read-modify-write instruction can be executed for this register.
➅ I2C START/STOP condition control register (S2D: address 001616)
The read-modify-write instruction can be executed for this register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com