Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38046FEHKP Datasheet(PDF) 139 Page - Renesas Technology Corp

Part # M38046FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38046FEHKP Datasheet(HTML) 139 Page - Renesas Technology Corp

Back Button M38046FEHKP Datasheet HTML 135Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 136Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 137Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 138Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 139Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 140Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 141Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 142Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 143Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 387 page
background image
2-15
APPLICATION
2.2 Interrupt
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
(2)
Timing after acceptance of interrupt request
The interrupt processing routine begins with the machine cycle following the completion of the
instruction that is currently being executed.
Figure 2.2.10 shows the time up to execution of interrupt processing routine and Figure 2.2.11 shows
the timing chart after acceptance of interrupt request.
Fig. 2.2.11 Timing chart after acceptance of interrupt request
Fig. 2.2.10 Time up to execution of interrupt processing routine
Interrupt request generated
Main routine
Interrupt processing routine
7 to 23 cycles
(When f(XIN) = 8 MHz, 1.75
µs to 5.75 µs)
2 cycles
5 cycles
Start of interrupt processing
0 to 16 cycles
Waiting time for
post-processing
of pipeline
Stack push and
Vector fetch
✽
✽ When executing DIV instruction
PCH
PCL
PSAL
AH
S, SPS
S-2, SPS
S-1, SPS
PC
BL
BH
AL, AH
: CPU operation code fetch cycle
(This is an internal signal that cannot be observed from the external unit.)
: Vector address of each interrupt
: Jump destination address of each interrupt
: “0016” or “0116”
SYNC
BL, BH
AL, AH
SPS
Data bus
Not used
Address bus
SYNC
RD
WR
φ
Waiting time for pipeline
post-processing
Push onto stack
Vector fetch
Interrupt operation starts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com