Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38046FEHKP Datasheet(PDF) 140 Page - Renesas Technology Corp

Part # M38046FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38046FEHKP Datasheet(HTML) 140 Page - Renesas Technology Corp

Back Button M38046FEHKP Datasheet HTML 136Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 137Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 138Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 139Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 140Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 141Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 142Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 143Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 144Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 387 page
background image
2-16
APPLICATION
2.2 Interrupt
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
2.2.5 Interrupt control
The acceptance of all interrupts, excluding the BRK instruction interrupt, can be controlled by the interrupt
request bit, interrupt enable bit, and an interrupt disable flag, as described in detail below. Figure 2.2.12
shows an interrupt control diagram.
Fig. 2.2.12 Interrupt control diagram
The interrupt request bit, interrupt enable bit and interrupt disable flag function independently and do not
affect each other. An interrupt is accepted when all the following conditions are satisfied.
qInterrupt request bit .......... “1”
qInterrupt enable bit ........... “1”
qInterrupt disable flag ........ “0”
Though the interrupt priority is determined by hardware, a variety of priority processing can be performed
by software using the above bits and flag. Tables 2.2.2 shows list of interrupt control bits according to the
interrupt source.
(1)
Interrupt request bits
The interrupt request bits are allocated to the interrupt request register 1 (address 003C16) and
interrupt request register 2 (address 003D16).
The occurrence of an interrupt request causes the corresponding interrupt request bit to be set to
“1”. The interrupt request bit is held in the “1” state until the interrupt is accepted. When the interrupt
is accepted, this bit is automatically cleared to “0”.
Each interrupt request bit can be set to “0”, but cannot be set to “1”, by software.
(2)
Interrupt enable bits
The interrupt enable bits are allocated to the interrupt control register 1 (address 003E16) and the
interrupt control register 2 (address 003F16).
The interrupt enable bits control the acceptance of the corresponding interrupt request.
When an interrupt enable bit is “0”, the corresponding interrupt request is disabled. If an interrupt
request occurs when this bit is “0”, the corresponding interrupt request bit is set to “1” but the
interrupt is not accepted. In this case, unless the interrupt request bit is set to “0” by software, the
interrupt request bit remains in the “1” state.
When an interrupt enable bit is “1”, the corresponding interrupt is enabled. If an interrupt request
occurs when this bit is “1”, the interrupt is accepted (when interrupt disable flag = “0”).
Each interrupt enable bit can be set to “0” or “1” by software.
Interrupt request bit
Interrupt enable bit
Interrupt disable flag
BRK instruction
Reset
Interrupt request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com