Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38046FEHKP Datasheet(PDF) 184 Page - Renesas Technology Corp

Part # M38046FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38046FEHKP Datasheet(HTML) 184 Page - Renesas Technology Corp

Back Button M38046FEHKP Datasheet HTML 180Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 181Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 182Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 183Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 184Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 185Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 186Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 187Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 188Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 387 page
background image
2-60
APPLICATION
2.4 Serial interface
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
2.4.6 Serial I/O pin function and selection method
(1)
Serial I/O1, serial I/O3
Table 2.4.1 shows the pin function in the clock synchronous serial I/O mode, Table 2.4.2 shows the
pin function in the UART mode.
Table 2.4.1 Pin function in clock synchronous serial I/O mode
Pin name
(Serial I/O1)
P44/RxD1
P45/TxD1
P46/SCLK1
P47/SRDY1
/CNTR2
Function
RxD1, RxD3
P44, P34
TxD1, TxD3
P45, P35
SCLK1 (External clock input)
SCLK1 (Internal clock output)
SRDY1, SRDY3
P47, P37
SIOE
SIOM
RE
TE
TIC
SRDYSCS
CSS
Serial I/O1 control register (address 001A16)
Serial I/O3 control register (address 003216)
b7
b6b5b4b3b2b1b0
11
1
1
✕
✕✕✕
11
0
✕✕
✕✕✕
11
✕
1
✕
✕✕✕
11
✕
0
✕
✕✕✕
11
✕
1
✕✕
1
✕
11
✕✕
✕
0
✕
11
1
1
✕
1
✕✕
11
✕✕
✕
0
✕✕
Note 1: When SIOE is set to “0”, all pins become I/O ports regardless of set value of b6–b0.
Note 2: In the pulse output mode, the programmable waveform generating mode, or the programmable one-shot generating mode of
the timer Z, this pin functions as the timer Z function output pin regardless of b7-b0 setting.
✕: This is not used for the pin’s function setting.
Corre-
sponding
direction
register
✕
0/1
✕
0/1
✕
✕
✕
0/1
1
(Note 1)
Pin name
(Serial I/O3)
P34/RxD3
P35/TxD3
P36/SCLK3
P37/SRDY3
(Note 2)
Table 2.4.2 Pin function in UART mode
RxD
P44
TxD
P45
SCLK1 (External clock input)
P46
P47
SIOE
SIOMRE
TE
TIC
SRDYSCS
CSS
b7
b6
b5
b4b3
b2
b1b0
10
1
✕
✕
✕✕✕
10
0
✕✕
✕
✕
✕
10
✕
1
✕✕
✕
✕
10
✕
0
✕✕
✕
✕
10
✕✕
✕✕
1
✕
10
✕✕
✕✕
0
✕
10
✕✕
✕✕
✕✕
Corre-
sponding
direction
register
✕
0/1
✕
0/1
✕
0/1
0/1
Function
Serial I/O1 control register (address 001A16)
Note 1: When SIOE is set to “0”, all pins become I/O ports regardless of set value of b6–b0.
Note 2: In the pulse output mode, the programmable waveform generating mode, or the programmable one-shot generating mode of
the timer Z, this pin functions as the timer Z function output pin regardless of b7-b0 setting.
✕: This is not used for the pin’s function setting.
Pin name
(Serial I/O1)
P44/RxD1
P45/TxD1
P46/SCLK1
P47/SRDY1
/CNTR2
Pin name
(Serial I/O3)
P34/RxD3
P35/TxD3
P36/SCLK3
P37/SRDY3
(Note 2)
(Note 1)
Table 2.4.3 Pin function in clock synchronous serial I/O mode
P50/SIN2
P51/SOUT2
P52/SCLK2
P53/SRDY2
SIN2
P50
SOUT2
SCLK2 (External clock input)
SCLK2 (Internal clock output)
SRDY2
P53
b7b6b5b4b3
b2b1b0
✕
✕
✕
✕
✕✕✕
✕
✕
✕
✕
✕✕✕
✕
0
✕✕
✕
1
✕✕
✕
✕
0
✕✕
1
✕✕
✕
✕
1
✕✕
1
✕✕
✕
✕✕
✕
✕
0
✕✕
✕
✕✕
✕
1
✕✕
✕✕
✕✕
✕
0
✕✕
✕✕
Notes 1: Although this pin functions as SIN2 when b3 is set to “0”, set “1” to b3.
Notes 2: Although this pin functions as SCLK2 when b3 and the corresponding direction register are set to “0”, set “1” to b3.
Notes 3: When the corresponding direction register bit is "1", the b7 setting is valid.
✕: This is not used for the pin’s function setting.
P52
1
0/1
✕
✕
0/1
0
✕
✕
0/1
(Note 1)
Pin name
Function
Serial I/O2 control register (address 001D16)
Correspond-
ing direction
register
(Note 2)
P51
1
✕
✕
✕
✕✕✕
(Note 3)
✕✕
✕
0
✕✕
✕
1
0/1
✕
CMOS output
N-channel open-drain output
(2)
Serial I/O2
Table 2.4.3 shows the pin function in the clock synchronous serial I/O mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com