Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38046FEHKP Datasheet(PDF) 187 Page - Renesas Technology Corp

Part # M38046FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38046FEHKP Datasheet(HTML) 187 Page - Renesas Technology Corp

Back Button M38046FEHKP Datasheet HTML 183Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 184Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 185Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 186Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 187Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 188Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 189Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 190Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 191Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 387 page
background image
2-63
APPLICATION
2.4 Serial interface
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
Fig. 2.4.22 Registers setting relevant to receiving side
b7
b0
Receiving side
Serial I/O1 control register (Address : 001A16)
SIO1CON
Serial I/O1 synchronous clock : External clock
SRDY1
output enabled
Transmit enabled
Set this bit to “1”, using SRDY1 output.
Receive enabled
Clock synchronous serial I/O
Serial I/O1 enabled
1
1
1
1
1
1
Serial I/O1 status register (Address : 001916)
SIO1STS
b7
b0
Receive buffer full flag
Confirm completion of receiving 1-byte data with this flag.
“1” : at completing reception
“0” : at reading out contents of Receive buffer register
Overrun error flag
“1” : When data is ready in Receive shift register while Receive buffer
register contains the data.
Parity error flag
“1” : When a parity error occurs in enabled parity.
Framing error flag
“1” : When stop bits cannot be detected at the specified timing
Summing error flag
“1” : when any one of the following errors occurs.
• Overrun error
• Parity error
• Framing error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com