Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38046FEHKP Datasheet(PDF) 199 Page - Renesas Technology Corp

Part # M38046FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38046FEHKP Datasheet(HTML) 199 Page - Renesas Technology Corp

Back Button M38046FEHKP Datasheet HTML 195Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 196Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 197Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 198Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 199Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 200Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 201Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 202Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 203Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 387 page
background image
2-75
APPLICATION
2.4 Serial interface
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
(4)
Communication (transmit/receive) using asynchronous serial I/O (UART)
Outline : 2-byte data is transmitted and received, using the asynchronous serial I/O.
Port P40 is used for communication control.
Figure 2.4.38 shows a connection diagram, and Figure 2.4.39 shows a timing chart.
Fig. 2.4.38 Connection diagram (Communication using UART)
Specifications : • Serial I/O1 is used (UART is selected).
• Transfer bit rate : 9600 bps (f(XIN) = 4.9152 MHz is divided by 512)
• Communication control using port P40
(The output level of port P40 is controlled by software.)
• 2-byte data is transferred from the transmitting side to the receiving side at intervals
of 10 ms generated by the timer.
Fig. 2.4.39 Timing chart (using UART)
Transmitting side
P40
P40
Receiving side
TXDRXD
3804 group
(Spec. H)
3804 group
(Spec. H)
P40
TXD1
10 ms
D0
D1 D2 D3
D4 D5 D6
D7
ST
SP(2)
D0
D1 D2 D3
D4 D5 D6
D7
ST
SP(2)
D0
ST
• • • •
• • • •



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com