Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38046FEHKP Datasheet(PDF) 202 Page - Renesas Technology Corp

Part # M38046FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38046FEHKP Datasheet(HTML) 202 Page - Renesas Technology Corp

Back Button M38046FEHKP Datasheet HTML 198Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 199Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 200Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 201Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 202Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 203Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 204Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 205Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 206Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 387 page
background image
2-78
APPLICATION
2.4 Serial interface
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
Receiving side
Serial I/O1 status register (Address : 001916)
SIO1STS
BRG1
8 – 1
Serial I/O1 control register (Address : 001A16)
SIO1CON
10
0
10
1
0
UART1CON
0
10
b7
b0
b7
b0
UART1 control register (Address : 001B16)
b7
b0
Character length : 8 bits
Parity checking disabled
Stop bit length : 2 stop bits
Baud rate generator 1 (Address : 001C16)
b7
b0
f(XIN)
Transfer bit rate ✕ 16 ✕ m
–1
Set
When bit 0 of Serial I/O1 control register (Address : 001A16) is set to “0,”
a value of m is 1.
When bit 0 of Serial I/O1 control register (Address : 001A16) is set to “1,”
a value of m is 4.
✽
✽
BRG count source : f(XIN)/4
Synchronous clock : BRG/16
Transmit disabled
Receive enabled
Asynchronous serial I/O(UART)
Serial I/O1 enabled
SRDY1
output disabled
Receive buffer full flag
Confirm completion of receiving 1-byte data with this flag.
“1” : at completing reception
“0” : at reading out contents of Receive buffer register
Overrun error flag
“1” : When data is ready in Receive shift register while Receive buffer
register contains the data.
Parity error flag
“1” : When a parity error occurs in enabled parity.
Framing error flag
“1” : When stop bits cannot be detected at the specified timing
Summing error flag
“1” : when any one of the following errors occurs.
• Overrun error
• Parity error
• Framing error
Port P40: Communication control: Input mode
P4D
Port P4 direction register (Address : 000916)
0
b7
b0
Fig. 2.4.41 Registers setting relevant to receiving side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com