Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38046FEHKP Datasheet(PDF) 228 Page - Renesas Technology Corp

Part # M38046FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38046FEHKP Datasheet(HTML) 228 Page - Renesas Technology Corp

Back Button M38046FEHKP Datasheet HTML 224Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 225Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 226Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 227Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 228Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 229Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 230Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 231Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 232Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 387 page
background image
2-104
APPLICATION
2.5 Multi-master I2C-BUS interface
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
➃ Reception of lower data
Confirm correct completion of communication at ➂ before receiving the lower data. After confirming
correct completion, clear the ACK bit (bit 6 of address 001516) to “0”, in which ACK is returned,
and set to the master receive mode. After that, write dummy data to the I2C data shift register
(address 001116).
When the MST bit (bit 7 of address 001316) is “0”, perform the error process explained as follows
and return to the process ➀.
When the last receive bit (LRB bit; bit 0 of address 001316) is “1”, generate the STOP condition
and make the bus release, because the slave device specified on the SMBUS does not exist.
Fig. 2.5.25 Reception process of lower data
1 (STOP condition)
AL (address 001316), bit 3 ?
MST (address 001316), bit 7 ?
0 (ACK)
1 (master)
S2 (address 001516)
← 100001012
LRB (address 001316), bit 0 ?
0 (slave)
1 (NACK)
1 (detected)
0 (not detected)
End
Re-transmission preparation
Error processing
S1 (address 001316)
←101000002
S0 (address 001116)
← 111111112
PIN (address 001316), bit 4 ?
0 (transmission of RESTART
condition)
• Master receive mode set
4
STOP condition output
• Judgment of bus hold
• Judgment of arbitration lost detection
• ACK confirmation
• “ACK clock is used” select and
“ACK is returned” set
• Judgment of slave mode detection
• Dummy data to I2C data shift register write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com