Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38046FEHKP Datasheet(PDF) 229 Page - Renesas Technology Corp

Part # M38046FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38046FEHKP Datasheet(HTML) 229 Page - Renesas Technology Corp

Back Button M38046FEHKP Datasheet HTML 225Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 226Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 227Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 228Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 229Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 230Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 231Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 232Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 233Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 387 page
background image
2-105
APPLICATION
2.5 Multi-master I2C-BUS interface
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
➄ Transmission of upper data
Confirm correct completion of communication at ➃ before receiving the upper data. After confirming
correct completion, store the received data (lower data).
Set the ACK bit (bit 6 of address 001516) to “1”, in which ACK is not returned and write dummy
data to the I2C data shift register (address 001116).
When the MST bit (bit 7 of address 001316) is “0”, return to the process ➀, because other devices
have priority to communicate.
Fig. 2.5.26 Reception process of upper data
AL (address 001316), bit 3 ?
MST (address 001316), bit 7 ?
1 (Master)
Receive data buffer
← S0 (address 001116)
0 (slave)
1(detected)
0 (not detected)
End
Re-transmission preparation
Error processing
S2 (address 001516)
←110001012
S0 (address 001116)
← 111111112
PIN (address 001316), bit 4 ?
1 (STOP condition)
0 (lower data transmitted)
5
• Judgment of bus hold
• Judgment of arbitration lost detection
• “NACK is returned” set
• Judgment of slave mode detection
• Dummy data to I2C data shift register write
• Receive data read and save



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com