Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38046FEHKP Datasheet(PDF) 236 Page - Renesas Technology Corp

Part # M38046FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38046FEHKP Datasheet(HTML) 236 Page - Renesas Technology Corp

Back Button M38046FEHKP Datasheet HTML 232Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 233Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 234Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 235Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 236Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 237Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 238Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 239Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 240Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 387 page
background image
2-112
APPLICATION
2.5 Multi-master I2C-BUS interface
Rev.1.00 Jan 14, 2004
REJ09B0212-0100Z
3804 Group (Spec.H)
➄ Transmission of upper data
Confirm correct completion of the upper data transmission. The master returns the NACK toward
the transmitted second-byte data, the upper data. Accordingly, confirm that the last receive bit
(LRB bit; bit 0 of address 001316) is “1”.
After that, write dummy data to the I2C data shift register and wait for the interrupt of STOP
condition.
Fig. 2.5.33 Transmission process of upper data
End
S0 (address 001116)
← 111111112
Error end
0 (ACK)
LRB (address 001316), bit 0 ?
1 (NACK)
5
PIN (address 001316), bit 4 ?
1 (STOP condition)
0 (upper data transmission completed)
S1 (address 001316)
← 000100002
Note: Use the branch bit instruction to check bus busy.
• Judgment of bus hold
• ACK confirmation
• Slave receive mode set
• Dummy data write to I2C data shift register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com