Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38046FEHKP Datasheet(PDF) 240 Page - Renesas Technology Corp

Part # M38046FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38046FEHKP Datasheet(HTML) 240 Page - Renesas Technology Corp

Back Button M38046FEHKP Datasheet HTML 236Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 237Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 238Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 239Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 240Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 241Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 242Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 243Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 244Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 387 page
background image
2-116
APPLICATION
2.5 Multi-master I2C-BUS interface
Rev.1.00 Jan 14, 2004
REJ09B0212-0100Z
3804 Group (Spec.H)
(5)
Writing to I2C clock control register (S2: address 001516)
Do not write data into the I2C clock control register during transfer. If data is written during transfer,
the I2C clock generator is reset, so that data cannot be transferred normally.
(6)
Switching of SCL/SDA interrupt pin polarity selection bit, SCL/SDA interrupt pin selection bit,
I2C-BUS interface enable bit
When changing the setting of the SCL/SDA interrupt pin polarity selection bit, the SCL/SDA interrupt
pin selection bit, or the I2C-BUS interface enable bit ES0, the SCL/SDA interrupt request bit may be
set. When selecting the SCL/SDA interrupt source, disable the interrupt before the SCL/SDA interrupt
pin polarity selection bit, the SCL/SDA interrupt pin selection bit, or the I2C-BUS interface enable bit
ES0 is set. Reset the request bit to “0” after setting these bits, and enable the interrupt.
(7)
Process of after STOP condition generating in master mode
Do not write data in the I2C data shift register (S0) and the I2C status register (S1) until the bus busy
flag BB becomes “0” after generating the STOP condition in the master mode. It is because the
STOP condition waveform might not be normally generated. Reading to the above registers does not
have the problem.
(8)
ES0 bit switch
In standard clock mode when SSC = “000102” or in high-speed clock mode, flag BB may switch to
“1” if ES0 bit is set to “1” when SDA is “L”.
Countermeasure:
Set ES0 to “1” when SDA is “H”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com