Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38047FEHKP Datasheet(PDF) 62 Page - Renesas Technology Corp

Part # M38047FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38047FEHKP Datasheet(HTML) 62 Page - Renesas Technology Corp

Back Button M38047FEHKP Datasheet HTML 58Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 59Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 60Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 61Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 62Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 63Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 64Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 65Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 66Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 387 page
background image
1-44
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
HARDWARE
FUNCTIONAL DESCRIPTION
2. Notes when selecting clock asynchronous serial I/O
2.1 Stop of transmission operation
q Note
Clear the transmit enable bit to “0” (transmit disabled). The trans-
mission operation does not stop by clearing the serial I/O1 enable
bit to “0”.
q Reason
Since transmission is not stopped and the transmission circuit is
not initialized even if only the serial I/O1 enable bit is cleared to “0”
(serial I/O disabled), the internal transmission is running (in this
case, since pins TxD1, RxD1, SCLK1, and SRDY1 function as I/O
ports, the transmission data is not output). When data is written to
the transmit buffer register in this state, data starts to be shifted to
the transmit shift register. When the serial I/O1 enable bit is set to
“1” at this time, the data during internally shifting is output to the
TxD1 pin and an operation failure occurs.
2.2 Stop of receive operation
q Note
Clear the receive enable bit to “0” (receive disabled).
2.3 Stop of transmit/receive operation
q Note 1 (only transmission operation is stopped)
Clear the transmit enable bit to “0” (transmit disabled). The trans-
mission operation does not stop by clearing the serial I/O1 enable
bit to “0”.
q Reason
Since transmission is not stopped and the transmission circuit is
not initialized even if only the serial I/O1 enable bit is cleared to “0”
(serial I/O disabled), the internal transmission is running (in this
case, since pins TxD1, RxD1, SCLK1, and SRDY1 function as I/O
ports, the transmission data is not output). When data is written to
the transmit buffer register in this state, data starts to be shifted to
the transmit shift register. When the serial I/O1 enable bit is set to
“1” at this time, the data during internally shifting is output to the
TxD1 pin and an operation failure occurs.
q Note 2 (only receive operation is stopped)
Clear the receive enable bit to “0” (receive disabled).
s Notes concerning serial I/O1
1. Notes when selecting clock synchronous serial I/O
1.1 Stop of transmission operation
q Note
Clear the serial I/O1 enable bit and the transmit enable bit to “0”
(serial I/O and transmit disabled).
q Reason
Since transmission is not stopped and the transmission circuit is
not initialized even if only the serial I/O1 enable bit is cleared to “0”
(serial I/O disabled), the internal transmission is running (in this
case, since pins TxD1, RxD1, SCLK1, and SRDY1 function as I/O
ports, the transmission data is not output). When data is written to
the transmit buffer register in this state, data starts to be shifted to
the transmit shift register. When the serial I/O1 enable bit is set to
“1” at this time, the data during internally shifting is output to the
TxD1 pin and an operation failure occurs.
1.2 Stop of receive operation
q Note
Clear the receive enable bit to “0” (receive disabled), or clear the
serial I/O1 enable bit to “0” (serial I/O disabled).
1.3 Stop of transmit/receive operation
q Note
Clear both the transmit enable bit and receive enable bit to “0”
(transmit and receive disabled).
(when data is transmitted and received in the clock synchronous
serial I/O mode, any one of data transmission and reception can-
not be stopped.)
q Reason
In the clock synchronous serial I/O mode, the same clock is used
for transmission and reception. If any one of transmission and re-
ception is disabled, a bit error occurs because transmission and
reception cannot be synchronized.
In this mode, the clock circuit of the transmission circuit also oper-
ates for data reception. Accordingly, the transmission circuit does
not stop by clearing only the transmit enable bit to “0” (transmit
disabled). Also, the transmission circuit is not initialized by clear-
ing the serial I/O1 enable bit to “0” (serial I/O disabled) (refer to
1.1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com