Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38047FEHKP Datasheet(PDF) 77 Page - Renesas Technology Corp

Part # M38047FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38047FEHKP Datasheet(HTML) 77 Page - Renesas Technology Corp

Back Button M38047FEHKP Datasheet HTML 73Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 74Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 75Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 76Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 77Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 78Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 79Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 80Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 81Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 387 page
background image
1-59
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
HARDWARE
FUNCTIONAL DESCRIPTION
XIN
Data bus
XCIN
“10”
“00”
“01”
Main clock division
ratio selection bits
(Note)
“0”
“1”
1/16
Watchdog timer H count
source selection bit
Reset
circuit
STP instruction disable bit
Watchdog timer H (8)
“FF16” is set when
watchdog timer
control register is
written to.
Internal reset
RESET
Watchdog timer L (8)
Note: Either high-speed, middle-speed or low-speed mode is selected by bits 7 and 6 of the CPU mode register.
STP instruction
“FF16” is set when
watchdog timer
control register is
written to.
Reset release time waiting
WATCHDOG TIMER
The watchdog timer gives a mean of returning to the reset status
when a program cannot run on a normal loop (for example, be-
cause of a software run-away). The watchdog timer consists of an
8-bit watchdog timer L and an 8-bit watchdog timer H.
Watchdog Timer Initial Value
Watchdog timer L is set to “FF16” and watchdog timer H is set to
“FF16” by writing to the watchdog timer control register (address
001E16) or at a reset. Any write instruction that causes a write sig-
nal can be used, such as the STA, LDM, CLB, etc. Data can only
be written to bits 6 and 7 of the watchdog timer control register.
Regardless of the value written to bits 0 to 5, the above-mentioned
value will be set to each timer.
Watchdog Timer Operations
The watchdog timer stops at reset and a countdown is started by
the writing to the watchdog timer control register. An internal reset
occurs when watchdog timer H underflows. The reset is released
after its release time. After the release, the program is restarted
from the reset vector address. Usually, write to the watchdog timer
control register by software before an underflow of the watchdog
timer H. The watchdog timer does not function if the watchdog
timer control register is not written to at least once.
Fig. 55 Structure of Watchdog timer control register
When bit 6 of the watchdog timer control register is kept at “0”, the
STP instruction is enabled. When that is executed, both the clock
and the watchdog timer stop. Count re-starts at the same time as
the release of stop mode (Note). The watchdog timer does not
stop while a WIT instruction is executed. In addition, the STP in-
struction is disabled by writing “1” to this bit again. When the STP
instruction is executed at this time, it is processed as an undefined
instruction, and an internal reset occurs. Once a “1” is written to
this bit, it cannot be programmed to “0” again.
The following shows the period between the write execution to the
watchdog timer control register and the underflow of watchdog
timer H.
Bit 7 of the watchdog timer control register is “0”:
when XCIN = 32.768 kHz; 32 s
when XIN = 16 MHz; 65.536 ms
Bit 7 of the watchdog timer control register is “1”:
when XCIN = 32.768 kHz; 125 ms
when XIN = 16 MHz; 256
µs
Note: The watchdog timer continues to count even while waiting for a stop
release. Therefore, make sure that watchdog timer H does not un-
derflow during this period.
Fig. 54 Block diagram of Watchdog timer
b7
Watchdog timer H (for read-out of high-order 6 bit)
STP instruction disable bit
0: STP instruction enabled
1: STP instruction disabled
Watchdog timer H count source selection bit
0: Watchdog timer L underflow
1: f(XIN)/16 or f(XCIN)/16
Watchdog timer control register
(WDTCON : address 001E16)
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com