Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38047FEHKP Datasheet(PDF) 76 Page - Renesas Technology Corp

Part # M38047FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38047FEHKP Datasheet(HTML) 76 Page - Renesas Technology Corp

Back Button M38047FEHKP Datasheet HTML 72Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 73Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 74Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 75Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 76Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 77Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 78Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 79Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 80Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 387 page
background image
1-58
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
HARDWARE
FUNCTIONAL DESCRIPTION
D/A CONVERTER
The 3804 group (Spec. H) has two internal D/A converters (DA1
and DA2) with 8-bit resolution.
The D/A conversion is performed by setting the value in each DA
conversion register. The result of D/A conversion is output from
the DA1 or DA2 pin by setting the DA output enable bit to “1”.
When using the D/A converter, the corresponding port direction
register bit (P30/DA1 or P31/DA2) must be set to “0” (input status).
The output analog voltage V is determined by the value n (decimal
notation) in the DA conversion register as follows:
V = VREF ✕ n/256 (n = 0 to 255)
Where VREF is the reference voltage.
At reset, the DA conversion registers are cleared to “0016”, and
the DA output enable bits are cleared to “0”, and the P30/DA1 and
P31/DA2 pins become high impedance.
The DA output does not have buffers. Accordingly, connect an ex-
ternal buffer when driving a low-impedance load.
Fig. 52 Block diagram of D/A converter
Fig. 53 Equivalent connection circuit of D/A converter (DA1)
P30/DA1
DA1 conversion register (8)
R-2R resistor ladder
DA1 output enable bit
P31/DA2
DA2 conversion register (8)
R-2R resistor ladder
DA2 output enable bit
AVSS
VREF
“0”
“1”
MSB
“0”
“1”
R
2R
R
2R
R
2R
R
2R
R
2R
R
2R
R
2R2R
LSB
2R
P30/DA1
DA1 conversion register
DA1 output enable bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com