Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38047FEHKP Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # M38047FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38047FEHKP Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button M38047FEHKP Datasheet HTML 78Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 79Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 80Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 81Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 82Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 83Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 84Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 85Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 387 page
background image
1-64
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
HARDWARE
FUNCTIONAL DESCRIPTION
•Bit 4: SCL pin low hold bit (PIN)
This bit generates an interrupt request signal. Each time 1-byte
data is transmitted, the PIN bit changes from “1” to “0.” At the
same time, an interrupt request signal occurs to the CPU. The PIN
bit is set to “0” in synchronization with a falling of the last clock (in-
cluding the ACK clock) of an internal clock and an interrupt
request signal occurs in synchronization with a falling of the PIN
bit. When the PIN bit is “0,” the SCL is kept in the “0” state and
clock generation is disabled. Figure 61 shows an interrupt request
signal generating timing chart.
The PIN bit is set to “1” in one of the following conditions:
• Executing a write instruction to the I2C data shift register (S0:
address 001116). (This is the only condition which the prohibition
of the internal clock is released and data can be communicated
except for the start condition detection.)
• When the ES0 bit is “0”
• At reset
• When writing “1” to the PIN bit by software
The PIN bit is set to “0” in one of the following conditions:
• Immediately after completion of 1-byte data transmission (includ-
ing when arbitration lost is detected)
• Immediately after completion of 1-byte data reception
• In the slave reception mode, with ALS = “0” and immediately af-
ter completion of slave address agreement or general call
address reception
• In the slave reception mode, with ALS = “1” and immediately af-
ter completion of address data reception
•Bit 5: Bus busy flag (BB)
This bit indicates the status of use of the bus system. When this
bit is set to “0,” this bus system is not busy and a START condition
can be generated. The BB flag is set/reset by the SCL, SDA pins
input signal regardless of master/slave. This flag is set to “1” by
detecting the START condition, and is set to “0” by detecting the
STOP condition. The condition of these detecting is set by the
START/STOP condition setting bits (SSC4–SSC0) of the I2C
START/STOP condition control register (S2D: address 001616).
When the ES0 bit of the I2C control register (bit 3 of S1D, address
001416) is “0” or reset, the BB flag is set to “0.”
For the writing function to the BB flag, refer to the sections
“START Condition Generating Method” and “STOP Condition Gen-
erating Method” described later.
[I2C Status Register (S1)] 001316
The I2C status register (S1: address 001316) controls the I2C-BUS
interface status. The low-order 4 bits are read-only bits and the
high-order 4 bits can be read out and written to.
Set “00002” to the low-order 4 bits, because these bits become the
reserved bits at writing.
•Bit 0: Last receive bit (LRB)
This bit stores the last bit value of received data and can also be
used for ACK receive confirmation. If ACK is returned when an
ACK clock occurs, the LRB bit is set to “0.” If ACK is not returned,
this bit is set to “1.” Except in the ACK mode, the last bit value of
received data is input. The state of this bit is changed from “1” to
“0” by executing a write instruction to the I2C data shift register
(S0: address 001116).
•Bit 1: General call detecting flag (AD0)
When the ALS bit is “0”, this bit is set to “1” when a general call✽
whose address data is all “0” is received in the slave mode. By a
general call of the master device, every slave device receives con-
trol data after the general call. The AD0 bit is set to “0” by
detecting the STOP condition or START condition, or reset.
✽General call: The master transmits the general call address “0016” to all
slaves.
•Bit 2: Slave address comparison flag (AAS)
This flag indicates a comparison result of address data when the
ALS bit is “0”.
➀ In the slave receive mode, when the 7-bit addressing format is
selected, this bit is set to “1” in one of the following conditions:
•
The address data immediately after occurrence of a START
condition agrees with the slave address stored in the high-or-
der 7 bits of the I2C slave address register.
•
A general call is received.
➁ In the slave receive mode, when the 10-bit addressing format is
selected, this bit is set to “1” with the following condition:
•
When the address data is compared with the I2C slave ad-
dress register (8 bits consisting of slave address and RWB
bit), the first bytes agree.
➂ This bit is set to “0” by executing a write instruction to the I2C data
shift register (S0: address 001116) when ES0 is set to “1” or reset.
•Bit 3: Arbitration lost✽ detecting flag (AL)
In the master transmission mode, when the SDA is made “L” by
any other device, arbitration is judged to have been lost, so that
this bit is set to “1.” At the same time, the TRX bit is set to “0,” so
that immediately after transmission of the byte whose arbitration
was lost is completed, the MST bit is set to “0.” The arbitration lost
can be detected only in the master transmission mode. When ar-
bitration is lost during slave address transmission, the TRX bit is
set to “0” and the reception mode is set. Consequently, it becomes
possible to detect the agreement of its own slave address and ad-
dress data transmitted by another master device.
The AL bit is set to “0” in one of the following conditions:
•Executing a write instruction to the I2C data shift register (S0: ad-
dress 001116)
•When the ES0 bit is “0”
•At reset
✽Arbitration lost :The status in which communication as a master is dis-
abled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com