Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38047FEHKP Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # M38047FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38047FEHKP Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button M38047FEHKP Datasheet HTML 26Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 27Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 28Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 29Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 30Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 31Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 32Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 33Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 387 page
background image
1-12
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
HARDWARE
FUNCTIONAL DESCRIPTION
MISRG
(1) Bit 0 of address 001016: Oscillation stabilizing time set af-
ter STP instruction released bit
When the MCU stops the clock oscillation by the STP instruction
and the STP instruction has been released by an external interrupt
source, usually, the fixed values of Timer 1 and Prescaler 12
(Timer 1 = 0116, Prescaler 12 = FF16) are automatically reloaded
in order for the oscillation to stabilize. The user can inhibit the au-
tomatic setting by setting “1” to bit 0 of MISRG (address 001016).
However, by setting this bit to “1”, the previous values, set just be-
fore the STP instruction was executed, will remain in Timer 1 and
Prescaler 12. Therefore, you will need to set an appropriate value
to each register, in accordance with the oscillation stabilizing time,
before executing the STP instruction.
Figure 9 shows the structure of MISRG.
(2) Bits 1, 2, 3 of address 001016: Middle-speed Mode Auto-
matic Switch Function
In order to switch the clock mode of an MCU which has a sub-
clock, the following procedure is necessary:
set CPU mode register (003B16) --> start main clock oscillation -->
wait for oscillation stabilization --> switch to middle-speed mode
(or high-speed mode).
However, the 3804 group (Spec. H) has the built-in function which
automatically switches from low to middle-speed mode either by
the SCL/SDA interrupt or by program.
qMiddle-speed mode automatic switch by SCL/SDA Interrupt
The SCL/SDA interrupt source enables an automatic switch when
the middle-speed mode automatic switch set bit (bit 1) of MISRG
(address 001016) is set to “1”. The conditions for an automatic
switch execution depend on the settings of bits 5 and 6 of the I2C
START/STOP condition control register (address 001616). Bit 5 is
the SCL/SDA interrupt pin polarity selection bit and bit 6 is the
SCL/SDA interrupt pin selection bit. The main clock oscillation sta-
bilizing time can also be selected by middle-speed mode
automatic switch wait time set bit (bit 2) of the MISRG.
qMiddle-speed mode automatic switch by program
The middle-speed mode can also be automatically switched by
program while operating in low-speed mode. By setting the
middle-speed automatic switch start bit (bit 3) of MISRG (address
001016) to “1” in the condition that the middle-speed mode auto-
matic switch set bit is “1” while operating in low-speed mode, the
MCU will automatically switch to middle-speed mode. In this case,
the oscillation stabilizing time of the main clock can be selected by
the middle-speed automatic switch wait time set bit (bit 2) of
MISRG (address 001016).
Fig. 9 Structure of MISRG
MISRG
(MISRG : address 001016)
b7
b0
Note1: During operation in low-speed mode, it is possible automatically to
switch to middle-speed mode owing to SCL/SDA interrupt.
2: When automatic switch to middle-speed mode from low-speed
mode occurs, the values of CPU mode register (003B16) change.
Not used (return “0” when read)
(Do not write “1” to this bit)
Middle-speed mode automatic switch start bit
(Depending on program)
0: Invalid
1: Automatic switch start (Note1)
Middle-speed mode automatic switch wait time set bit
0: 4.5 to 5.5 machine cycles
1: 6.5 to 7.5 machine cycles
Middle-speed mode automatic switch set bit
0: Not set automatically
1: Automatic switching enabled (Note1, 2)
Oscillation stabilizing time set after STP instruction
released bit
0: Automatically set “0116” to Timer 1, “FF16” to
Prescaler 12
1: Automatically set disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com