Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38047FEHKP Datasheet(PDF) 90 Page - Renesas Technology Corp

Part # M38047FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38047FEHKP Datasheet(HTML) 90 Page - Renesas Technology Corp

Back Button M38047FEHKP Datasheet HTML 86Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 87Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 88Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 89Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 90Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 91Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 92Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 93Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 94Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 387 page
background image
1-72
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
HARDWARE
FUNCTIONAL DESCRIPTION
Example of Master Transmission
An example of master transmission in the standard clock mode, at
the SCL frequency of 100 kHz and in the ACK return mode is
shown below.
➀ Set a slave address in the high-order 7 bits of the I2C slave ad-
dress register and “0” into the RWB bit.
➁ Set the ACK return mode and SCL = 100 kHz by setting “8516”
in the I2C clock control register (S2: address 001516).
➂ Set “0016” in the I2C status register (S1: address 001316) so
that transmission/reception mode can become initializing condi-
tion.
➃ Set a communication enable status by setting “0816” in the I2C
control register (S1D: address 001416).
➄ Confirm the bus free condition by the BB flag of the I2C status
register (S1: address 001316).
➅ Set the address data of the destination of transmission in the
high-order 7 bits of the I2C data shift register (S0: address
001116) and set “0” in the least significant bit.
➆ Set “F016” in the I2C status register (S1: address 001316) to
generate a START condition. At this time, an SCL for 1 byte and
an ACK clock automatically occur.
➇ Set transmit data in the I2C data shift register (S0: address
001116). At this time, an SCL and an ACK clock automatically
occur.
➈ When transmitting control data of more than 1 byte, repeat step
➇.
➉ Set “D016” in the I2C status register (S1: address 001316) to
generate a STOP condition if ACK is not returned from slave re-
ception side or transmission ends.
Example of Slave Reception
An example of slave reception in the high-speed clock mode, at
the SCL frequency of 400 kHz, in the ACK non-return mode and
using the addressing format is shown below.
➀ Set a slave address in the high-order 7 bits of the I2C slave ad-
dress register and “0” in the RWB bit.
➁ Set the no ACK clock mode and SCL = 400 kHz by setting
“2516” in the I2C clock control register (S2: address 001516).
➂ Set “0016” in the I2C status register (S1: address 001316) so
that transmission/reception mode can become initializing condi-
tion.
➃ Set a communication enable status by setting “0816” in the I2C
control register (S1D: address 001416).
➄ When a START condition is received, an address comparison is
performed.
➅ •When all transmitted addresses are “0” (general call):
AD0 of the I2C status register (S1: address 001316) is set to “1”
and an interrupt request signal occurs.
• When the transmitted addresses agree with the address set in
➀:
AAS of the I2C status register (S1: address 001316) is set to
“1” and an interrupt request signal occurs.
• In the cases other than the above AD0 and AAS of the I2C sta-
tus register (S1: address 001316) are set to “0” and no interrupt
request signal occurs.
➆ Set dummy data in the I2C data shift register (S0: address
001116).
➇ When receiving control data of more than 1 byte, repeat step ➆.
➈ When a STOP condition is detected, the communication ends.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com