Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38047FEHKP Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # M38047FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38047FEHKP Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button M38047FEHKP Datasheet HTML 19Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 20Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 21Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 22Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 23Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 24Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 25Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 26Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 387 page
background image
1-5
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
HARDWARE
PIN DESCRIPTION
Functions
Name
Pin
•Apply voltage of 2.7 V–5.5 V to Vcc, and 0 V to Vss.
•This pin controls the operation mode of the chip.
•Normally connected to VSS.
•Reference voltage input pin for A/D and D/A converters.
•Analog power source input pin for A/D and D/A converters.
•Connect to VSS.
•Reset input pin for active “L”.
•Input and output pins for the clock generating circuit.
•Connect a ceramic resonator or quartz-crystal oscillator between the XIN and XOUT pins to set
the oscillation frequency.
•When an external clock is used, connect the clock source to the XIN pin and leave the XOUT
pin open.
•8-bit CMOS I/O port.
•I/O direction register allows each pin to be individually
programmed as either input or output.
•CMOS compatible input level.
•CMOS 3-state output structure.
•Pull-up control is enabled in a bit unit.
•P20–P27 are enabled to output large current for LED drive.
•8-bit CMOS I/O port.
•I/O direction register allows each pin to be individually
programmed as either input or output.
•CMOS compatible input level.
•P32 to P33 can be switched between CMOS compat-
ible input level or SMBUS input level in the I2C-BUS
interface function.
•P30, P31, P34–P37 are CMOS 3-state output structure.
•P32, P33 are N-channel open-drain output structure.
•Pull-up control of P30, P31, P34–P37 is enabled in a bit
unit.
•8-bit CMOS I/O port.
•I/O direction register allows each pin to be individually
programmed as either input or output.
•CMOS compatible input level.
•CMOS 3-state output structure.
•Pull-up control is enabled in a bit unit.
Power source
CNVSS input
Reference voltage
Analog power source
Table 2 Pin description
Function except a port function
•A/D converter input pin
•Interrupt input pin
•D/A converter input pin
•Serial I/O3 function pin
I/O port P4
•Interrupt input pin
•Sub-clock generating I/O pin
(resonator connected)
•Interrupt input pin
VCC, VSS
CNVSS
VREF
AVSS
RESET
Reset input
Clock input
XIN
XOUT
Clock output
P00/AN8–
P07/AN15
I/O port P0
P10/INT41
P11/INT01
P12–P17
I/O port P1
P20–P27
I/O port P2
P30/DA1
P31/DA2
P32/SDA
P33/SCL
P34/RxD3
P35/TxD3
P36/SCLK3
P37/SRDY3
P40/INT40/
XCOUT
P41/INT00/
XCIN
P42/INT1
P43/INT2
P44/RxD1
P45/TxD1
P46/SCLK1
P47/SRDY1
/CNTR2
P50/SIN2
P51/SOUT2
P52/SCLK2
P53/SRDY2
P54/CNTR0
P55/CNTR1
P56/PWM
P57/INT3
P60/AN0–
P67/AN7
•8-bit CMOS I/O port.
•I/O direction register allows each pin to be individually
programmed as either input or output.
•CMOS compatible input level.
•CMOS 3-state output structure.
•Pull-up control is enabled in a bit unit.
•Serial I/O1 function pin
•Serial I/O1, timer Z function pin
I/O port P5
I/O port P6
•Serial I/O2 function pin
•Timer X function pin
•Timer Y function pin
•PWM output pin
•Interrupt input pin
•A/D converter input pin
•I2C-BUS interface function pins
I/O port P3
PIN DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com