Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38047FEHKP Datasheet(PDF) 92 Page - Renesas Technology Corp

Part # M38047FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38047FEHKP Datasheet(HTML) 92 Page - Renesas Technology Corp

Back Button M38047FEHKP Datasheet HTML 88Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 89Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 90Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 91Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 92Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 93Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 94Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 95Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 96Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 387 page
background image
1-74
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
HARDWARE
FUNCTIONAL DESCRIPTION
RESET CIRCUIT
To reset the microcomputer, RESET pin should be held at an “L”
level for 16 cycles or more of XIN. Then the RESET pin is returned
to an “H” level (the power source voltage should be between 2.7 V
to 5.5 V, and the oscillation should be stable), reset is released.
After the reset is completed, the program starts from the address
contained in address FFFD16 (high-order byte) and address
FFFC16 (low-order byte).
Input to the RESET pin in the following procedure.
qWhen power source is stabilized
(1) Input “L” level to RESET pin.
(2) Input “L” level for 16 cycles or more to XIN pin.
(3) Input “H” level to RESET pin.
qAt power-on
(1) Input “L” level to RESET pin.
(2) Increase the power source voltage to 2.7 V.
(3) Wait for td(P-R) until internal power source has stabilized.
(4) Input “L” level for 16 cycles or more to XIN pin.
(5) Input “H” level to RESET pin.
Fig. 71 Reset sequence
Fig. 70 Reset circuit example
RESET
Internal
reset
Data
φ
Address
SYNC
XIN: 10.5 to 18.5 clock cycles
XIN
?
?
?
?
?
FFFC
FFFD
ADH,L
?
?
?
?
?
ADL
ADH
1: The frequency relation of f(XIN) and f(
φ) is f(XIN)=8 • f(φ).
2: The question marks (?) indicate an undefined state that depends on the previous state.
Reset address from the vector table.
Notes
VCC
RESET
VCC
RESET
Example at VCC = 5V
td(P-R)+XIN 16 cycles or more
2.7 V
0.2VCC or less
0V
0V
VCC
RESET
0V
0V
VCC
RESET
td(P-R)+XIN 16 cycles or more
5V
5V
2.7 V
Power source
voltage detection
circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com