Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38047FEHKP Datasheet(PDF) 117 Page - Renesas Technology Corp

Part # M38047FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38047FEHKP Datasheet(HTML) 117 Page - Renesas Technology Corp

Back Button M38047FEHKP Datasheet HTML 113Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 114Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 115Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 116Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 117Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 118Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 119Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 120Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 121Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 387 page
background image
1-99
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
HARDWARE
NOTES ON PROGRAMMING
Processor Status Register
The contents of the processor status register (PS) after a reset are
undefined, except for the interrupt disable flag (I) which is “1.” Af-
ter a reset, initialize flags which affect program execution. In
particular, it is essential to initialize the index X mode (T) and the
decimal mode (D) flags because of their effect on calculations.
Interrupts
The contents of the interrupt request bits do not change immedi-
ately after they have been written. After writing to an interrupt
request register, execute at least one instruction before perform-
ing a BBC or BBS instruction.
Decimal Calculations
• To calculate in decimal notation, set the decimal mode flag (D)
to “1”, then execute an ADC or SBC instruction. After executing
an ADC or SBC instruction, execute at least one instruction be-
fore executing a SEC, CLC, or CLD instruction.
• In decimal mode, the values of the negative (N), overflow (V),
and zero (Z) flags are invalid.
Timers
If a value n (between 0 and 255) is written to a timer latch, the fre-
quency division ratio is 1/(n+1).
Multiplication and Division Instructions
• The index X mode (T) and the decimal mode (D) flags do not af-
fect the MUL and DIV instruction.
• The execution of these instructions does not change the con-
tents of the processor status register.
Ports
The contents of the port direction registers cannot be read. The
following cannot be used:
• The data transfer instruction (LDA, etc.)
• The operation instruction when the index X mode flag (T) is “1”
• The instruction with the addressing mode which uses the value
of a direction register as an index
• The bit-test instruction (BBC or BBS, etc.) to a direction register
• The read-modify-write instructions (ROR, CLB, or SEB, etc.) to
a direction register.
Use instructions such as LDM and STA, etc., to set the port direc-
tion registers.
Serial Interface
In clock synchronous serial I/O, if the receive side is using an ex-
ternal clock and it is to output the SRDY signal, set the transmit
enable bit, the receive enable bit, and the SRDY output enable bit
to “1.”
Serial I/O continues to output the final bit from the TXD pin after
transmission is completed. SOUT2 pin for serial I/O2 goes to high
impedance after transfer is completed.
When in serial I/Os 1 and 3 (clock-synchronous mode) or in serial
I/O2, an external clock is used as synchronous clock, write trans-
mission data to the transmit buffer register or serial I/O2 register,
during transfer clock is “H.”
A/D Converter
The comparator uses capacitive coupling amplifier whose charge
will be lost if the clock frequency is too low.
Therefore, make sure that f(XIN) is at least on 500 kHz during an
A/D conversion.
Do not execute the STP instruction during an A/D conversion.
D/A Converter
The accuracy of the D/A converter becomes rapidly poor under
the VCC = 4.0 V or less condition; a supply voltage of VCC
≥ 4.0 V
is recommended. When a D/A converter is not used, set all values
of D/Ai conversion registers (i=1, 2) to “0016.”
Instruction Execution Time
The instruction execution time is obtained by multiplying the pe-
riod of the internal clock
φ by the number of cycles needed to
execute an instruction.
The number of cycles required to execute an instruction is shown
in the list of machine instructions.
The period of the internal clock
φ is double of the XIN period in
high-speed mode.
NOTES ON PROGRAMMING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com