Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38047FEHKP Datasheet(PDF) 127 Page - Renesas Technology Corp

Part # M38047FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38047FEHKP Datasheet(HTML) 127 Page - Renesas Technology Corp

Back Button M38047FEHKP Datasheet HTML 123Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 124Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 125Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 126Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 127Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 128Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 129Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 130Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 131Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 387 page
background image
2-3
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
APPLICATION
2.1 I/O port
2.1.2 Relevant registers
Fig. 2.1.2 Structure of Port Pi (i = 0 to 6)
Fig. 2.1.3 Structure of Port Pi direction register (i = 0 to 6)
Port Pi
b7 b6 b5 b4 b3 b2 b1 b0
Port Pi (i = 0, 1, 2, 3, 4, 5, 6)
(Pi: addresses 000016, 000216, 000416, 000616, 000816, 000A16, 000C16)
b
0
0
Port Pi0
qIn output mode
Write •••••••• Port latch
Read •••••••• Port latch
qIn input mode
Write •••••••• Port latch
Read •••••••• Value of pin
Port Pi1
Port Pi2
Port Pi3
Port Pi4
Port Pi5
Port Pi6
Port Pi7
Functions
Name
At reset R W
1
0
2
0
3
0
4
0
5
0
6
0
7
0
Port Pi direction register
b7 b6 b5 b4 b3 b2 b1 b0
Port Pi direction register (i = 0, 1, 2, 3, 4, 5, 6)
(PiD: addresses 000116, 000316, 000516, 000716, 000916, 000B16, 000D16)
0 : Port Pi0 input mode
1 : Port Pi0 output mode
b
0
1
2
3
4
5
6
7
Name
0
Functions
At reset R W
0
0 : Port Pi2 input mode
1 : Port Pi2 output mode
0
0 : Port Pi3 input mode
1 : Port Pi3 output mode
0
0 : Port Pi4 input mode
1 : Port Pi4 output mode
0
0 : Port Pi5 input mode
1 : Port Pi5 output mode
0
0 : Port Pi6 input mode
1 : Port Pi6 output mode
0
0 : Port Pi7 input mode
1 : Port Pi7 output mode
0
Port Pi direction
register
0 : Port Pi1 input mode
1 : Port Pi1 output mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com