Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38047FEHKP Datasheet(PDF) 156 Page - Renesas Technology Corp

Part # M38047FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38047FEHKP Datasheet(HTML) 156 Page - Renesas Technology Corp

Back Button M38047FEHKP Datasheet HTML 152Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 153Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 154Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 155Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 156Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 157Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 158Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 159Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 160Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 387 page
background image
2-32
APPLICATION
2.3 Timer
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
[Function 7] One-shot pulse output by external trigger (Timer Z)
The value of timer latch is set to timer by trigger signal which is input from the INT pin, and timer
is counted down. When trigger signal is input, “H” or “L” is output from the CNTR pin at the same
time, and “L” or “H” is output by underflow of timer. (programmable one-shot generating mode)
2.3.3 Timer application examples
(1) Basic functions and uses
[Function 1] Control of Event interval (Timer X, Timer Y, Timer Z, Timer 1, Timer 2)
When a certain time, by setting a count value to each timer, has passed, the timer interrupt request
occurs.
<Use>
•Generation of an output signal timing
•Generation of a wait time
[Function 2] Control of Cyclic operation (Timer X, Timer Y, Timer Z, Timer 1, Timer 2)
The value of the timer latch is automatically written to the corresponding timer each time the timer
underflows, and each timer interrupt request occurs in cycles.
<Use>
•Generation of cyclic interrupts
•Clock function (measurement of 250 ms); see Application example 1
•Control of a main routine cycle
[Function 3] Output of Rectangular waveform (Timer X, Timer Y, Timer Z)
The output level of the CNTR pin is inverted each time the timer underflows (in the pulse output
mode).
<Use>
•Piezoelectric buzzer output; see Application example 2
•Generation of the remote control carrier waveforms
[Function 4] Count of External pulses (Timer X, Timer Y, Timer Z)
External pulses input to the CNTR pin are counted as the timer count source (in the event counter
mode).
<Use>
•Frequency measurement; see Application example 3
•Division of external pulses
•Generation of interrupts due to a cycle using external pulses as the count source; count of a
reel pulse
[Function 5] Measurement of External pulse width (Timer X, Timer Y, Timer Z)
The “H” or “L” level width of external pulses input to CNTR pin is measured (in the pulse width
measurement mode).
<Use>
•Measurement of external pulse frequency (measurement of pulse width of FG pulse✽ for a
motor); see Application example 4
•Measurement of external pulse duty (when the frequency is fixed)
FG pulse✽: Pulse used for detecting the motor speed to control the motor speed.
[Function 6] Output of Arbitrary waveform (Timer Z)
The value which is set to the output level latch is output from the CNTR pin each time the timer
underflows. (programmable waveform generating mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com