Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38047FEHKP Datasheet(PDF) 186 Page - Renesas Technology Corp

Part # M38047FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38047FEHKP Datasheet(HTML) 186 Page - Renesas Technology Corp

Back Button M38047FEHKP Datasheet HTML 182Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 183Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 184Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 185Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 186Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 187Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 188Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 189Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 190Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 387 page
background image
2-62
APPLICATION
2.4 Serial interface
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
Fig. 2.4.21 Registers setting relevant to transmitting side
Serial I/O1 status register (Address : 001916)
SIO1STS
Transmit buffer empty flag
• Confirm that the data has been transferred from Transmit buffer
register to Transmit shift register.
• When this flag is “1”, it is possible to write the next transmission
data in to Transmit buffer register.
Transmitting side
Transmit shift register shift completion flag
Confirm completion of transmitting 1-byte data with this flag.
“1” : Transmit shift completed
b7
b0
Interrupt edge selection register (Address : 003A16)
INTEDGE
INT1 falling edge active
b7
b0
Baud rate generator 1 (Address : 001C16)
BRG1
Set “division ratio – 1”
8 – 1
b7
b0
Serial I/O1 control register (Address : 001A16)
SIO1CON
BRG count source : f(XIN)
Serial I/O1 synchronous clock : BRG/4
Transmit enabled
Receive disabled
Clock synchronous serial I/O
Serial I/O1 enabled
b7
b0
0
0
0
11
1
0
Port P4 direction register (Address : 000916)
P4D
Port P42/INT1: Input mode
b7
b0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com