Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38047FEHKP Datasheet(PDF) 191 Page - Renesas Technology Corp

Part # M38047FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38047FEHKP Datasheet(HTML) 191 Page - Renesas Technology Corp

Back Button M38047FEHKP Datasheet HTML 187Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 188Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 189Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 190Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 191Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 192Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 193Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 194Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 195Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 387 page
background image
2-67
APPLICATION
2.4 Serial interface
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
Serial I/O1 synchronous clock : BRG/4
SRDY1
output disabled
0
Serial I/O1 transmit interrupt : Disabled
ICON1
Interrupt control register 1 (Address : 003E16)
Serial I/O1 transmit interrupt request
Confirm completion of transmitting
1-byte data by one unit.
“1” : Transmit shift completion
IREQ1
Interrupt request register 1 (Address : 003C16)
00
1
SIO1CON
Serial I/O1 control register (Address : 001A16)
0
0
11
BRG count source : f(XIN)
Transmit interrupt source : Transmit shift operating completion
Transmit enabled
1
Receive disabled
b7
b0
0
b7
b0
b7
b0
Clock synchronous serial I/O
Serial I/O1 enabled
0
P45/TXD1 pin : CMOS output
UART1CON
UART1 control register (Address : 001B16)
b7
b0
8 – 1
Set “division ratio – 1”
BRG1
Baud rate generator 1 (Address : 001C16)
b7
b0
P6
Port P6 (Address : 000C16)
1
b7
b0
Port P63: Output mode
P6D
Port P6 direction register (Address : 000D16)
1
b7
b0
Port P63: CS signal to peripheral ICs
"L" active
Figure 2.4.27 shows registers setting relevant to serial I/O1, and Figure 2.4.28 shows a setting of
serial I/O1 transmission data.
Fig. 2.4.27 Registers setting relevant to serial I/O1
Set a transmission data.
Confirm that transmission of the previous data is
completed (bit 3 of the Interrupt request register 1
is “1”) before writing data.
TB1/RB1
Transmit/Receive buffer register 1 (Address : 001816)
b7
b0
Fig. 2.4.28 Setting of serial I/O1 transmission data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com