Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38047FEHKP Datasheet(PDF) 283 Page - Renesas Technology Corp

Part # M38047FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38047FEHKP Datasheet(HTML) 283 Page - Renesas Technology Corp

Back Button M38047FEHKP Datasheet HTML 279Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 280Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 281Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 282Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 283Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 284Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 285Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 286Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 287Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 387 page
background image
2-159
APPLICATION
2.13 Flash memory mode
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
2.13.4 Parallel I/O mode
In the parallel I/O mode, program/erase to the built-in flash memory can be performed by a flash memory
programmer (EFP-I etc.).
The memory area of program/erase is from 0F00016 to 0FFFF16 (boot ROM area) or from 0100016 to
0FFFF16 (user ROM area). Be especially careful when erasing; if the memory area is not set correctly, the
products will be damaged eternally.
Table 2.13.1 shows the parallel unit when programming by EFP-I in the parallel I/O mode.
•EFP-I provided by Suisei Electronics System Co., Ltd. (http://www.suisei.co.jp/index_e.htm)
(product available in Asia and Oceania only)
Table 2.13.1 Parallel unit when parallel programming (when using EFP-I provided by Suisei Electronics
System Co., Ltd.)
Products
M38049FFHSP
M38049FFHFP
M38049FFHHP
M38049FFHKP
Parallel unit
EF3803F-64S
EF3803F-64F
EF3803F-64H
EF3803F-64U
Boot ROM area
0F00016 to 0FFFF16
User ROM area
0100016 to 0FFFF16
2.13.5 Standard serial I/O mode
Table 2.13.2 shows a pin connection example (4 wires) between the programmer (EFP-I; Serial unit
EF1SRP-01U is required additionally) and the microcomputer when programming in the standard serial
I/O mode 1.
•EFP-I provided by Suisei Electronics System Co., Ltd. (http://www.suisei.co.jp/index_e.htm)
(product available in Asia and Oceania only)
Table 2.13.2 Connection example to programmer when serial programming (4 wires)
Pin name
P46/SCLK1
P44/RxD1
P45/TxD1
P47/SRDY1/CNTR2
CNVSS
RESET (Note 1)
VCC (Note 2)
VSS, AVSS (Note 3)
M38049FFHSP
pin number
21
23
22
20
26
27
1
32, 3
Flash memory version
Notes 1: Since reset release after write verification is not performed, when operating MCU after writing,
separate a target connection cable.
2: Supply Vcc of EFP-I side from user side so that the power supply voltage of the output buffer used
by the EFP-I side becomes the same as user side power supply voltage (Vcc).
3: Four pins (No. 1, 2, 15, and 16) of the EF1SRP-01U side connector are prepared for GND signal.
When connecting with a target board, although connection of only one pin does not have a
problem, we recommend connecting with two or more pins.
Function
Transfer clock input
Serial data input
Serial data output
Transmit/Receive
enable output
“H” input
Reset input
Target board power
source monitor input
GND
EFP-I (EF1SRP-01U)
Signal name
T_SCLK
T_TXD
T_RXD
T_BUSY
T_VPP
T_RESET
T_VDD (Note 2)
GND (Note 3)
EF1RP-01U side
connector Line number
9
10
11
12
3
14
4
1, 2, 15, 16
M38049FFHSP
pin number
13
15
14
12
18
19
57
24, 59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com