Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38047FEHKP Datasheet(PDF) 290 Page - Renesas Technology Corp

Part # M38047FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38047FEHKP Datasheet(HTML) 290 Page - Renesas Technology Corp

Back Button M38047FEHKP Datasheet HTML 286Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 287Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 288Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 289Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 290Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 291Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 292Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 293Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 294Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 290 / 387 page
background image
2-166
APPLICATION
2.13 Flash memory mode
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
2.13.8 Notes on CPU rewrite mode
(1)
Operation speed
During CPU rewrite mode, set the system clock
φ 4.0 MHz or less using the main clock division ratio
selection bits (bits 6 and 7 of address 003B16).
(2)
Instructions inhibited against use
The instructions which refer to the internal data of the flash memory cannot be used during the CPU
rewrite mode.
(3)
Interrupts inhibited against use
The interrupts cannot be used during the CPU rewrite mode because they refer to the internal data
of the flash memory.
(4)
Watchdog timer
In case of the watchdog timer has been running already, the internal reset generated by watchdog
timer underflow does not happen, because of watchdog timer is always clearing during program or
erase operation.
(5)
Reset
Reset is always valid. In case of CNVSS = “H” when reset is released, boot mode is active. So the
program starts from the address contained in address FFFC16 and FFFD16 in boot ROM area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com