Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7340G Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA7340G
Description  AUDIO SIGNAL PROCESSOR
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7340G Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA7340G Datasheet HTML 8Page - STMicroelectronics TDA7340G Datasheet HTML 9Page - STMicroelectronics TDA7340G Datasheet HTML 10Page - STMicroelectronics TDA7340G Datasheet HTML 11Page - STMicroelectronics TDA7340G Datasheet HTML 12Page - STMicroelectronics TDA7340G Datasheet HTML 13Page - STMicroelectronics TDA7340G Datasheet HTML 14Page - STMicroelectronics TDA7340G Datasheet HTML 15Page - STMicroelectronics TDA7340G Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
MUTE
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
1
Soft Mute On
0
1
Soft Mute with fast slope (I = IMAX)
1
1
Soft Mute with slow slope (I = IMIN)
1
Direct Mute
0
1
Zero Crossing Mute ON
0
0
ZC Mute OFF (delayed until next zero crossing)
1
Zero Crossing Mute and Pause Detector Reset(*)
0
0
160mV ZC Window Threshold (WIN = 00)
0
1
80mV ZC Window Threshold (WIN = 01)
1
0
40mV ZC Window Threshold (WIN = 10)
1
1
20mV ZC Window Threshold (WIN = 11)
0
Nonsymmetrical Bass Cut
1
Symmetrical Bass Cut
LOUDNESS
MSB
LSB
LOUDNESS
D7
D6
D5
D4
D3
D2
D1
D0
X
X
X
00000
0dB
X
X
X
00001
-1.25dB
X
X
X
00010
-2.5dB
X
X
X
00011
-3.75dB
X
X
X
00100
-5dB
X
X
X
00101
-6.25dB
X
X
X
00110
-7.5dB
X
X
X
00111
-8.75dB
X
X
X
01000
-10dB
X
X
X
01001
-11.25dB
X
X
X
01010
-12.5dB
X
X
X
01011
-13.75dB
X
X
X
01100
-15dB
X
X
X
01101
-16.25dB
X
X
X
01110
-17.5dB
X
X
X
01111
-18.75dB
XXX
1
D3
D2
D1
D0
loudness OFF (1)
For example to select -17.5dB loudness the Data Byte is: XXX01110
Note (1):
If the loudness is switched OFF, the loudness stage is acting like a volume attenuator with flat fre quency response. D0 to D3 determine the
attenuation level
An additional direct mute function is included in the Speaker Attenuators
(*) BIT D4 = 1disables the zero cross mute and pause detector, otherwise always active
TDA7340G
12/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com