Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7340G Datasheet(PDF) 24 Page - STMicroelectronics

Part # TDA7340G
Description  AUDIO SIGNAL PROCESSOR
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7340G Datasheet(HTML) 24 Page - STMicroelectronics

Back Button TDA7340G Datasheet HTML 19Page - STMicroelectronics TDA7340G Datasheet HTML 20Page - STMicroelectronics TDA7340G Datasheet HTML 21Page - STMicroelectronics TDA7340G Datasheet HTML 22Page - STMicroelectronics TDA7340G Datasheet HTML 23Page - STMicroelectronics TDA7340G Datasheet HTML 24Page - STMicroelectronics TDA7340G Datasheet HTML 25Page - STMicroelectronics TDA7340G Datasheet HTML 26Page - STMicroelectronics TDA7340G Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
D95AU389
RIGHT
CH2 528mV DC
x Chan 1
0.5ms 0.2V
x Chan 2
0.5ms 0.2V
ZERO CROSSING MUTE = ON
Return
Panel
STATUS
Memory
Save
PANEL
Recall
Auxiliary
Setups
Memory
Card
X-Y mode
Persistance
mode
V
LEFT
TIME
Figure 14: Zero Crossing Mute ON
Pin Csm
Main Menu
V
V
SOFT MUTE=OFF SLOPE=FAST Vout=500mVrms
D95AU387
SOFT MUTE
CH1 9V DC
Chan 2
1ms 0.2V
Chan 1
1ms 2V
Vout
TIME
Figure 13: Soft Mute ON
D95AU390
2ms
CH1 2.7V DC
x Chan 2
0.2ms 1V
x Chan 1
0.2ms 0.5V
ZERO CROSSING MUTE = OFF
Main Menu
Multi Zoom
off
LEFT
RIGHT
V
TIME
Figure 15: Zero Crossing Mute OFF
Chan 1
20ms 0.2V
Chan 2
20ms 2V
PAUSE DETECTOR ZCW=160mV Cpause=100nF
Main Menu
D95AU391
CH2 4.12V DC
Vout
V
TIME
Figure 16: Pause Detector
Chan 2
20ms 2V
Chan 3
20ms 0.2V
PAUSE DETECTOR ZCW=160mV Cpause=100nF
Main Menu
D95AU392
CH2 4.08V DC
CH1 20mV
x ~
CH2 0.2V
x =
CH3 20mV x ~
CH4 5mV x ~ T/div 20ms
10
10
10
10
Vout
BWL
Figure 17: Pause Detector
TDA7340G
24/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com