Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7340G Datasheet(PDF) 26 Page - STMicroelectronics

Part # TDA7340G
Description  AUDIO SIGNAL PROCESSOR
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7340G Datasheet(HTML) 26 Page - STMicroelectronics

Back Button TDA7340G Datasheet HTML 19Page - STMicroelectronics TDA7340G Datasheet HTML 20Page - STMicroelectronics TDA7340G Datasheet HTML 21Page - STMicroelectronics TDA7340G Datasheet HTML 22Page - STMicroelectronics TDA7340G Datasheet HTML 23Page - STMicroelectronics TDA7340G Datasheet HTML 24Page - STMicroelectronics TDA7340G Datasheet HTML 25Page - STMicroelectronics TDA7340G Datasheet HTML 26Page - STMicroelectronics TDA7340G Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 26 / 27 page
background image
PQFP44 (10 x 10)
A
A2
A1
Seating Plane
C
11
12
22
23
33
34
44
D3
D1
D
e
1
K
PQFP44
0.10mm
.004
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
2.45
0.096
A1
0.25
0.010
A2
1.95
2.00
2.10
0.077
0.079
0.083
B
0.30
0.45
0.012
0.018
c
0.13
0.23
0.005
0.009
D
12.95
13.20
13.45
0.51
0.52
0.53
D1
9.90
10.00
10.10
0.390
0.394
0.398
D3
8.00
0.315
e
0.80
0.031
E
12.95
13.20
13.45
0.510
0.520
0.530
E1
9.90
10.00
10.10
0.390
0.394
0.398
E3
8.00
0.315
L
0.65
0.80
0.95
0.026
0.031
0.037
L1
1.60
0.063
K0
°(min.), 7°(max.)
OUTLINE AND
MECHANICAL DATA
TDA7340G
26/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com