Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7340G Datasheet(PDF) 20 Page - STMicroelectronics

Part # TDA7340G
Description  AUDIO SIGNAL PROCESSOR
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7340G Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TDA7340G Datasheet HTML 16Page - STMicroelectronics TDA7340G Datasheet HTML 17Page - STMicroelectronics TDA7340G Datasheet HTML 18Page - STMicroelectronics TDA7340G Datasheet HTML 19Page - STMicroelectronics TDA7340G Datasheet HTML 20Page - STMicroelectronics TDA7340G Datasheet HTML 21Page - STMicroelectronics TDA7340G Datasheet HTML 22Page - STMicroelectronics TDA7340G Datasheet HTML 23Page - STMicroelectronics TDA7340G Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
In application, the soft mute ON programmation
should be followed by programmation of DIRECT
MUTE ON (see later) in order to achieve a final
100dB attenuation.
Beside the I2C bus programmation, the Soft Mute
ON can be generated in a fast way by forcing a
LOW level at pin phone GND, controlled by the
µP through a transistor. This approach is recom-
mended for fast RDS AF switching.
The Soft Mute status can be detected via I2C
bus, reading the Transmitted Byte, bit SM (see
data sheet pag.11).
read bit SM = 1 soft mute status ON
read bit SM = 0 soft mute status OFF
DIRECT MUTE
bit D3 = 1 Direct mute ON
bit D3 = 0 Direct nute OFF
The direct mute bit forces an internal immediate
signal connection to ground.
It is located just before the Volume/Loudness
stage, and gives a typical 100dB attenuation.
SPEAKERS MUTE
An additional direct mute function is included in
the speakers attenuators stage.
The four output LF, RF, LR, RR can be separately
muted by setting the speaker attenuator byte to
the value 11111111 binary.
Typical attenuation level 100dB. This mute is use-
ful for fader and balance functions. It should not
be applied for system mute/unmute, because it
can generate noise due to the offset of previous
stages (bass / treble).
ZEROCROSSING MUTE
bit D2=1 D4=0 zero crossing mute ON
bit D2=0 D4=0 zero crossing mute OFF
The mute activation/deactivation is delayed until
the signal waveform crosses the DC zero level
(Vref level).
The detection works separately for the left and
the right channels (see Figg. 14, 15). Four differ-
ent windows threshold are software selectable by
two dedicated bits.
bit D6 bit D5
WINDOW
00
Vref DC +/-160mV
01
Vref DC +/-80mV
10
Vref DC +/-40mV
11
Vref DC +/-20mV
The zero crossing mute activation/deactivation
starts when the AC signal level falls inside the se-
lected window (internal comparator).
The ZEROCROSS Mute (and Pause) detector is
always active. It can be disabled, if the feature is
not used, by forcing the bit D4=1 Zero crossing
and Pause detector reset.
In this way the internal comparator logic is
stopped, eliminating its switching noise.
The zero cross mute status is detected reading
the Transmitted Byte bit ZM.
bit ZM = 1 zero cross mute status ON
bit ZM = 0 zero cross mute status OFF
PAUSE FUNCTION
On chip is implemented a pause detector block.
It uses the same 4 windows threshold selectable
for the zero crossing mute, bit D6,D5 byte MUTE
(see above). The detector can be put in OFF by
forcing bit D4=1, otherwise it is active.
The Pause detector info is available at PAUSE
pin. A capacitor must be connected between
PAUSE pin and Ground.
When the incoming signal is detected to be out-
side the selected window, the external capacitor
is discharged. When the signal is inside the win-
dow, the capacitor is integrating up (see Figg.16
and 17).
The pause status can be detected in two ways:
a)by reading directly the Pause pin level.
The ON/OFF voltage threshold is 3.0V typical.
Pause OFF = level low (< 3.0V)
Pause ON = level high ( ; 3.0V)
b)by reading via I
2C bustheTransmittedByte,bit P
P= 0 pause active.
P= 1 no pause detected.
The external capacitor value fixes the time con-
stant.
The pull up current is 25uV typical
With input signal
Vin = 1Vrm --; Vdc pin pause = 15mV
Vin = 0Vrms --; Vdc pin pause = 5.62V
For example choosing Cpause = 100nF the
charge up constant is about 22ms. Instead with
Cpause = 15nF the charge up constant is about
360us.
The Pause detection is useful in applications like
RDS, to perform noiseless tuning frequeny jumps
avoiding to mute the signal.
NO SYMMETRICAL BASS CUT RESPONSE
bit D7=0 No symmetrical
bit D7=1 Symmetrical
The Bass stage
has the option to generate an
unsymmetrical response, for cut mode settings
(bass level from -2db to - 14dB)
For example using a T-type band pass external
TDA7340G
20/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com