Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7340G Datasheet(PDF) 23 Page - STMicroelectronics

Part # TDA7340G
Description  AUDIO SIGNAL PROCESSOR
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7340G Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TDA7340G Datasheet HTML 19Page - STMicroelectronics TDA7340G Datasheet HTML 20Page - STMicroelectronics TDA7340G Datasheet HTML 21Page - STMicroelectronics TDA7340G Datasheet HTML 22Page - STMicroelectronics TDA7340G Datasheet HTML 23Page - STMicroelectronics TDA7340G Datasheet HTML 24Page - STMicroelectronics TDA7340G Datasheet HTML 25Page - STMicroelectronics TDA7340G Datasheet HTML 26Page - STMicroelectronics TDA7340G Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
BWL
TIME
0.5s/DIV
CREF
OUT LF
1
2
V
(1V/div)
D95AU380
Figure 8: Power on Time Constant vs Cref
Capacitor CREF =4.7
µF
BWL
TIME
0.5s/DIV
CREF
OUT LF
1
2
V
(1V/div)
D95AU381
Figure 9: Power on Time Constant vs Cref
Capacitor CREF =10
µF
BWL
TIME
1s/DIV
CREF
OUT LF
1
2
V
(1V)
D95AU382
Figure 10: Power on Time Constant vs Cref Ca-
pacitor CREF =22
µF
10
100
1K
10K
Freq(Hz)
-100
-90
-80
-70
-60
-50
-40
SVRR
(dB)
D95AU383
4.7
µF
47
µF
VS=8V
Ripple=0.2VRMS
AV=-15dB
Figure 11: SVRR vs. Frequency
SOFT MUTE
CH1 9V DC
CH1 0.5V
x ~
CH2 20mV
x ~
CH3 0.2V x =
CH4 20mV x = T/div 1ms
Chan 2
1ms 0.2V
Chan 3
1ms 2V
SOFT MUTE=ON SLOPE=FAST Vout=500mVrms
D95AU384
TIME
Vout
Pin Csm
Main Menu
V
V
10
10
10
10
Figure 12: Soft Mute ON
TDA7340G
23/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com