Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7340G Datasheet(PDF) 19 Page - STMicroelectronics

Part # TDA7340G
Description  AUDIO SIGNAL PROCESSOR
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7340G Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TDA7340G Datasheet HTML 15Page - STMicroelectronics TDA7340G Datasheet HTML 16Page - STMicroelectronics TDA7340G Datasheet HTML 17Page - STMicroelectronics TDA7340G Datasheet HTML 18Page - STMicroelectronics TDA7340G Datasheet HTML 19Page - STMicroelectronics TDA7340G Datasheet HTML 20Page - STMicroelectronics TDA7340G Datasheet HTML 21Page - STMicroelectronics TDA7340G Datasheet HTML 22Page - STMicroelectronics TDA7340G Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
VPEAK
(V)
D95AU332A
20
DEVIATION(KHz)
0.9
1.3
2.3
3.2
DETECTOR OFF (11)
32.5
45
75
OVM=10
OVM=01
OVM=00
Figure 7: Behaviour of the Deviation Dependent Threshold Adiust (Over Deviation Detector)
2.2V(00)
TRIG. THRESHOLD
0.9V
VPEAK
E’
D95AU333A
1.8V(01)
1.2V(10)
MONO
STEREO
noisy signal
good signal
ATC_SB OFF (11)
NOISE
≈3V
Figure 6: Behaviour of the Field Strength Controlled Threshold Adjustment
MUTE & PAUSE FEATURES
The TDA7340G provides three types of mute,
controlled via I2C bus (see pag.12, MUTE BYTE
register).
SOFT MUTE
Bit D0=1
→ Soft Mute ON
Bit D0=0
→Soft Mute OFF
It allows an automatic soft muting and unmuting
of the signal.
The time constant is fixed by an external capaci-
tor Csm inserted between pin Csm and ground.
Once fixed the external capacitor, two different
slopes (time constant) are selectable by program-
mation of bit D1.
Bit D1=1
→ fast slope (I=Imax)
Bit D1=0
→ slow slope (I=Imin)
The soft mute generates a gradual signal de-
creasing avoiding big click noise of an immediate
high attenuation, without necessity to program a
sequence of decreasing volume levels. A re-
sponse example is reported in Fig.12 (mute) and
Fig.13 (unmute). The final attenuation obtained
with soft mute ON is 60dB typical.
The used reference parameter is the delay time
taken to reach 20dB attenuation (no matter what
the signal level is).
Using a capacitor Csm=22nF this delay is:
d = 1. 8ms when selected Fast slope mode (bit D1=1)
d = 25 ms when selected Slow slope mode (bit D1=0)
TDA7340G
19/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com