Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7340G Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA7340G
Description  AUDIO SIGNAL PROCESSOR
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7340G Datasheet(HTML) 4 Page - STMicroelectronics

  TDA7340G Datasheet HTML 1Page - STMicroelectronics TDA7340G Datasheet HTML 2Page - STMicroelectronics TDA7340G Datasheet HTML 3Page - STMicroelectronics TDA7340G Datasheet HTML 4Page - STMicroelectronics TDA7340G Datasheet HTML 5Page - STMicroelectronics TDA7340G Datasheet HTML 6Page - STMicroelectronics TDA7340G Datasheet HTML 7Page - STMicroelectronics TDA7340G Datasheet HTML 8Page - STMicroelectronics TDA7340G Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
ELECTRICAL CHARACTERISTICS (VS = 9V; Tamb =25
°C; RL = 10KΩ; all gains = 0dB; f = 1KHz;
CREF =22
µF; unless otherwise specified, refer to the Test Circuit.)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
SUPPLY
VS
Supply Voltage
6
9
10
V
IS
Supply Current
Stereo Decoder = ON
10
20
25
mA
Stereo Decoder = OFF
5
12.5
20
mA
SVR
Ripple Rejection
Audioprocessor
70
90
dB
Stereo Decoder + Audioprocessor
55
dB
INPUT SECTION
RI
Input Resistance
70
100
130
K
VCL
Clipping Level
d
≤ 0.3%
2.1
2.6
Vrms
SI
Input Separation
80
100
dB
RL
Output Load Resistance
2
K
GI MIN
Minimum Input Gain
-0.75
0
0.75
dB
GI MAX
Max Input Gain
10.25
11.25
12.25
dB
GSTEP
Step Resolution
2.75
3.75
4.75
dB
eIN
Input Noise
Single Ended Input
2.3
µV
VDC
Dc Steps
Adjacent Gain Step
2
10
mV
GMIN to GMAX
3mV
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VS
Operating Supply Voltage
10.5
V
Tamb
Operating Temperature Range
-40 to 85
°C
Tstg
Storage Temperature Range
-55 to 150
°C
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth j-pins
Thermal Resistance Junction-pins
max 85
°C/W
1
2
3
5
6
4
7
8
9
10
17
11
18 19 20 21 22
44 43 42 41
39
40
38 37 36 35 34
28
27
26
24
23
25
33
32
31
29
30
GND
LOUD R
LOUD L
IN L
OUT L
CREF
SDA
SCL
CSM
DIGGND
VDD
PHON IN
PHON GND
OUT LF
OUT LR
OUT RR
OUT RF
TR L
CD L+
CD L-
CD R+
CD R-
D94AU055A
12 13 14 15 16
TDA7340P
(PQFP44)
PIN CONNECTION
TDA7340G
4/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com