Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7340G Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA7340G
Description  AUDIO SIGNAL PROCESSOR
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7340G Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA7340G Datasheet HTML 9Page - STMicroelectronics TDA7340G Datasheet HTML 10Page - STMicroelectronics TDA7340G Datasheet HTML 11Page - STMicroelectronics TDA7340G Datasheet HTML 12Page - STMicroelectronics TDA7340G Datasheet HTML 13Page - STMicroelectronics TDA7340G Datasheet HTML 14Page - STMicroelectronics TDA7340G Datasheet HTML 15Page - STMicroelectronics TDA7340G Datasheet HTML 16Page - STMicroelectronics TDA7340G Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
SPEAKER ATTENUATORS
MSB
LSB
SPEAKER ATTENUATORS LF, LR, RF, RR
D7
D6
D5
D4
D3
D2
D1
D0
-1.25dB STEPS
000
0dB
0
0
1
-1.25dB
0
1
0
-2.5dB
0
1
1
-3.75dB
1
0
0
-5dB
1
0
1
-6.25dB
1
1
0
-7.5dB
1
1
1
-8.75dB
10dB STEPS
0
0
0dB
0
1
-10dB
1
0
-20dB
1
1
-30dB
11111
Speaker Mute
For example an attenuationof 25dB on a selected output is given by: 11110100
Note:
If the speaker attenuator bytes the three MSBs are used for additional Noise blanker Roll off programming
STEREO DECODER
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
0
0
11dB Input Gain
0
1
8.5dB Input Gain
1
0
6dB Input Gain
1
1
3.5dB Input Gain
0
Stereo Decoder Muted
1
Stereo Decoder Off
1
Forced Mono
0
0
Noise Blanker Threshold 1 NBT 35mV
0
1
Noise Blanker Threshold 2 NBT 45mV
1
0
Noise Blanker Threshold 3 NBT 55mV
1
1
Noise Blanker Threshold 4 NBT 65mV
0
Pilot Threshold High (Pth =0)
1
Pilot Threshold Low (Pth =1)
For example pilot threshold low, noise blanker threshold 3 (NTB = 10), Stereo decoder ON, 6dB input
gain is given by: 11000010.
TDA7340G
13/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com