Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV3203ASWZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADV3203ASWZ
Description  300 MHz, 32 횞 16 Buffered Analog Crosspoint Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3203ASWZ Datasheet(HTML) 4 Page - Analog Devices

  ADV3203ASWZ Datasheet HTML 1Page - Analog Devices ADV3203ASWZ Datasheet HTML 2Page - Analog Devices ADV3203ASWZ Datasheet HTML 3Page - Analog Devices ADV3203ASWZ Datasheet HTML 4Page - Analog Devices ADV3203ASWZ Datasheet HTML 5Page - Analog Devices ADV3203ASWZ Datasheet HTML 6Page - Analog Devices ADV3203ASWZ Datasheet HTML 7Page - Analog Devices ADV3203ASWZ Datasheet HTML 8Page - Analog Devices ADV3203ASWZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADV3202/ADV3203
Rev. 0 | Page 4 of 20
Parameter
Conditions
ADV3202/ADV3203
Unit
Min
Typ
Max
POWER SUPPLIES
Supply Current
VPOS or VNEG, outputs enabled,
no load
195/200
220/235
mA
VPOS or VNEG, outputs disabled
120/130
155/165
mA
DVCC
2.5
3.5
mA
Supply Voltage Range
VPOS − VNEG
5 ± 10%/
6.6 ± 10%
V
PSR
VNEG, VPOS, f = 1 MHz
−50/−45
dB
OPERATING TEMPERATURE RANGE
Temperature Range
Operating (still air)
−40 to +85
°C
θJA
Operating (still air)
16
°C/W
OSD ENABLED
VS = ±2.5 V (ADV3202), VS = ±3.3 V (ADV3203) at TA = 25°C, G = +1 (ADV3202), G = +2 (ADV3203), RL = 150 Ω, all configurations,
unless otherwise noted.
Table 2.
Parameter
Conditions
ADV3202/ADV3203
Unit
Min
Typ
Max
OSD DYNAMIC PERFORMANCE
−3 dB Bandwidth
200 mV p-p
170/150
MHz
2 V p-p
135/130
MHz
Gain Flatness
0.1 dB, 200 mV p-p
35
MHz
0.1 dB, 2 V p-p
35
MHz
Settling Time
1%, 2 V step
6
ns
Slew Rate
2 V step, peak
400
V/μs
OSD NOISE/DISTORTION PERFORMANCE
Differential Gain Error
NTSC or PAL
0.12/0.35
%
Differential Phase Error
NTSC or PAL
0.06/0.04
Degrees
Input Voltage Noise
0.5 MHz to 50 MHz
27/25
nV/√Hz
OSD DC PERFORMANCE
Gain Error
No load
±0.1
±2.3/±2.2
%
±0.1
±2.7
%
OSD INPUT CHARACTERISTICS
Input Bias Current
Sync-tip clamp disabled
−10
−4
μA
OSD SWITCHING CHARACTERISTICS
OSD Switch Delay, 2 V Step
50% OSD switch to 1% settling
20
ns
OSD Switching Transient (Glitch)
15/40
mV p-p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com