Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV3203ASWZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADV3203ASWZ
Description  300 MHz, 32 횞 16 Buffered Analog Crosspoint Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3203ASWZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADV3203ASWZ Datasheet HTML 4Page - Analog Devices ADV3203ASWZ Datasheet HTML 5Page - Analog Devices ADV3203ASWZ Datasheet HTML 6Page - Analog Devices ADV3203ASWZ Datasheet HTML 7Page - Analog Devices ADV3203ASWZ Datasheet HTML 8Page - Analog Devices ADV3203ASWZ Datasheet HTML 9Page - Analog Devices ADV3203ASWZ Datasheet HTML 10Page - Analog Devices ADV3203ASWZ Datasheet HTML 11Page - Analog Devices ADV3203ASWZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADV3202/ADV3203
Rev. 0 | Page 8 of 20
Table 7. Pin Function Descriptions
Pin
Mnemonic
Description
1
DVCC
Digital Positive Power Supply.
2
NC
No Connect.
3
RESET
Control Pin: 1st and 2nd Rank Reset.
4
CLK
Control Pin: Serial Data Clock.
5
DATA IN
Control Pin: Serial Data In.
6
DATA OUT
Control Pin: Serial Data Out.
7
UPDATE
Control Pin: Second Rank Write Strobe.
8
CS
Control Pin: Chip Select.
9
DGND
Digital Negative Power Supply.
10
IN00
Input Number 0.
11
DGND
Digital Negative Power Supply.
12
IN01
Input Number 1.
13
DGND
Digital Negative Power Supply.
14
IN02
Input Number 2.
15
DGND
Digital Negative Power Supply.
16
IN03
Input Number 3.
17
DGND
Digital Negative Power Supply.
18
IN04
Input Number 4.
19
DGND
Digital Negative Power Supply.
20
IN05
Input Number 5.
21
DGND
Digital Negative Power Supply.
22
IN06
Input Number 6.
23
DGND
Digital Negative Power Supply.
24
IN07
Input Number 7.
25
DGND
Digital Negative Power Supply.
26
IN08
Input Number 8.
27
DGND
Digital Negative Power Supply.
28
IN09
Input Number 9.
29
DGND
Digital Negative Power Supply.
30
IN10
Input Number 10.
31
DGND
Digital Negative Power Supply.
32
IN11
Input Number 11.
33
DGND
Digital Negative Power Supply.
34
IN12
Input Number 12.
35
DGND
Digital Negative Power Supply.
36
IN13
Input Number 13.
37
DGND
Digital Negative Power Supply.
38
IN14
Input Number 14.
39
DGND
Digital Negative Power Supply.
40
IN15
Input Number 15.
41
VNEG
Analog Negative Power Supply.
42
VREF
Reference Voltage. See the Theory of
Operation section for details.
43
VCLAMP
Sync-Tip Clamp Voltage. See the
Theory of Operation section for details.
44
OSD15
OSD Input Number 15.
45
OSD14
OSD Input Number 14.
46
OSD13
OSD Input Number 13.
47
OSD12
OSD Input Number 12.
48
OSD11
OSD Input Number 11.
49
OSD10
OSD Input Number 10.
Pin
Mnemonic
Description
50
OSD09
OSD Input Number 9.
51
OSD08
OSD Input Number 8.
52
VPOS
Analog Positive Power Supply.
53
OUT15
Output Number 15.
54
VNEG
Analog Negative Power Supply.
55
OUT14
Output Number 14.
56
VPOS
Analog Positive Power Supply.
57
OUT13
Output Number 13.
58
VNEG
Analog Negative Power Supply.
59
OUT12
Output Number 12.
60
VPOS
Analog Positive Power Supply.
61
OUT11
Output Number 11.
62
VNEG
Analog Negative Power Supply.
63
OUT10
Output Number 10.
64
VPOS
Analog Positive Power Supply.
65
OUT09
Output Number 9.
66
VNEG
Analog Negative Power Supply.
67
OUT08
Output Number 8.
68
VPOS
Analog Positive Power Supply.
69
OUT07
Output Number 7.
70
VNEG
Analog Negative Power Supply.
71
OUT06
Output Number 6.
72
VPOS
Analog Positive Power Supply.
73
OUT05
Output Number 5.
74
VNEG
Analog Negative Power Supply.
75
OUT04
Output number 4.
76
VPOS
Analog Positive Power Supply.
77
OUT03
Output Number 3.
78
VNEG
Analog Negative Power Supply.
79
OUT02
Output Number 2.
80
VPOS
Analog Positive Power Supply.
81
OUT01
Output Number 1.
82
VNEG
Analog Negative Power Supply.
83
OUT00
Output Number 0.
84
VPOS
Analog Positive Power Supply.
85
OSD07
OSD Input Number 7.
86
OSD06
OSD Input Number 6.
87
OSD05
OSD Input Number 5.
88
OSD04
OSD Input Number 4.
89
VNEG
Analog Negative Power Supply.
90
OSD03
OSD Input Number 3.
91
OSD02
OSD Input Number 2.
92
OSD01
OSD Input Number 1.
93
OSD00
OSD Input Number 0.
94
VPOS
Analog Positive Power Supply.
95
IN31
Input Number 31.
96
OSDS15
Control Pin: OSD Select Number 15.
97
IN30
Input Number 30.
98
OSDS14
Control Pin: OSD Select Number 14.
99
IN29
Input Number 29.
100
OSDS13
Control Pin: OSD Select Number 13.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com