Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV3203ASWZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADV3203ASWZ
Description  300 MHz, 32 횞 16 Buffered Analog Crosspoint Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3203ASWZ Datasheet(HTML) 3 Page - Analog Devices

  ADV3203ASWZ Datasheet HTML 1Page - Analog Devices ADV3203ASWZ Datasheet HTML 2Page - Analog Devices ADV3203ASWZ Datasheet HTML 3Page - Analog Devices ADV3203ASWZ Datasheet HTML 4Page - Analog Devices ADV3203ASWZ Datasheet HTML 5Page - Analog Devices ADV3203ASWZ Datasheet HTML 6Page - Analog Devices ADV3203ASWZ Datasheet HTML 7Page - Analog Devices ADV3203ASWZ Datasheet HTML 8Page - Analog Devices ADV3203ASWZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ADV3202/ADV3203
Rev. 0 | Page 3 of 20
SPECIFICATIONS
OSD DISABLED
VS = ±2.5 V (ADV3202), VS = ±3.3 V (ADV3203) at TA = 25°C, G = +1 (ADV3202), G = +2 (ADV3203), RL = 150 Ω, all configurations,
unless otherwise noted.
Table 1.
Parameter
Conditions
ADV3202/ADV3203
Unit
Min
Typ
Max
DYNAMIC PERFORMANCE
−3 dB Bandwidth
200 mV p-p
300
MHz
2 V p-p
120
MHz
Gain Flatness
0.1 dB, 200 mV p-p
60
MHz
0.1 dB, 2 V p-p
40
MHz
Settling Time
1% , 2 V step
6
ns
Slew Rate
2 V step, peak
400
V/μs
NOISE/DISTORTION PERFORMANCE
Differential Gain Error
NTSC or PAL
0.06/0.1
%
Differential Phase Error
NTSC or PAL
0.06/0.03
Degrees
Crosstalk, All Hostile, RTI
f = 5 MHz, RL = 150 Ω
RL = 1 kΩ
−48
−65
dB
dB
f = 100 MHz, RL = 150 Ω
RL = 1 kΩ
−23
−30
dB
dB
Off Isolation, Input-to-Output
f = 5 MHz, one channel
−80
dB
Input Voltage Noise
0.1 MHz to 50 MHz
25/22
nV/√Hz
DC PERFORMANCE
Gain Error
Broadcast mode, no load
±0.5
±1.75/±2.2
%
Broadcast mode
±0.5
±2.2/±2.7
%
Gain Matching
No load, channel-to-channel
±0.5/±0.8
±2.8
%
Channel-to-channel
±0.5/±0.8
±3.4
%
OUTPUT CHARACTERISTICS
Output Impedance
DC, enabled
0.15
Ω
DC, disabled
900/3.2
1000/4
kΩ
Output Capacitance
Disabled
3.7
pF
Output Voltage Range
ADV3202
ADV3203
ADV3203, no output load
−1.1 to +1.1
−1.5 to +1.5
−1.5 to +1.5
−1.2 to +1.2
−1.6 to +2.0
−2.0 to +2.0
V
V
V
INPUT CHARACTERISTICS
Input Offset Voltage
±5
±30
mV
Input Voltage Range
ADV3202
ADV3203
ADV3203, no output load
−1.1 to +1.1
−0.75 to +0.75
−0.75 to +0.75
−1.2 to +1.2
−0.8 to +1.0
−1.0 to +1.0
V
V
V
Input Capacitance
3
pF
Input Resistance
1
4
MΩ
Input Bias Current
Sync-tip clamp enabled,
VIN = VCLAMP + 0.1 V
0.1
3
12
μA
Sync-tip clamp enabled,
VIN = VCLAMP − 0.1 V
−2.9
−1
−0.25
mA
Sync-tip clamp disabled
−10
−3
μA
SWITCHING CHARACTERISTICS
Enable On Time
50% update to 1% settling
50
ns
Switching Time, 2 V Step
50% update to 1% settling
40
ns
Switching Transient (Glitch)
IN00 to IN31, RTI
300
mV p-p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com