Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV3203ASWZ Datasheet(PDF) 10 Page - Analog Devices

Part # ADV3203ASWZ
Description  300 MHz, 32 횞 16 Buffered Analog Crosspoint Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3203ASWZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADV3203ASWZ Datasheet HTML 6Page - Analog Devices ADV3203ASWZ Datasheet HTML 7Page - Analog Devices ADV3203ASWZ Datasheet HTML 8Page - Analog Devices ADV3203ASWZ Datasheet HTML 9Page - Analog Devices ADV3203ASWZ Datasheet HTML 10Page - Analog Devices ADV3203ASWZ Datasheet HTML 11Page - Analog Devices ADV3203ASWZ Datasheet HTML 12Page - Analog Devices ADV3203ASWZ Datasheet HTML 13Page - Analog Devices ADV3203ASWZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADV3202/ADV3203
Rev. 0 | Page 10 of 20
TRUTH TABLE AND LOGIC DIAGRAM
Table 8. Operation Truth Table
CS
UPDATE
CLK
DATA INPUT
DATA OUTPUT
RESET
Operation/Comment
X
X
X
X
X
0
Asynchronous reset. All outputs are disabled; the 193-bit shift
register is reset to all 0s.
0
1
Datai1
Datai-193
1
The data on the serial DATA IN line is loaded into the serial
register. The first bit clocked into the serial register appears at
DATA OUT 193 clock cycles later.
0
0
X
X
X
1
Switch matrix update. Data in the 193-bit shift register transfers
into the parallel latches that control the switch array and sync-
tip clamps.
1
X
X
X
X
1
Chip is not selected. No change in logic.
1 Datai: serial data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com