Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV3203ASWZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADV3203ASWZ
Description  300 MHz, 32 횞 16 Buffered Analog Crosspoint Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3203ASWZ Datasheet(HTML) 1 Page - Analog Devices

  ADV3203ASWZ Datasheet HTML 1Page - Analog Devices ADV3203ASWZ Datasheet HTML 2Page - Analog Devices ADV3203ASWZ Datasheet HTML 3Page - Analog Devices ADV3203ASWZ Datasheet HTML 4Page - Analog Devices ADV3203ASWZ Datasheet HTML 5Page - Analog Devices ADV3203ASWZ Datasheet HTML 6Page - Analog Devices ADV3203ASWZ Datasheet HTML 7Page - Analog Devices ADV3203ASWZ Datasheet HTML 8Page - Analog Devices ADV3203ASWZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
300 MHz, 32 × 16 Buffered
Analog Crosspoint Switch
ADV3202/ADV3203
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008 Analog Devices, Inc. All rights reserved.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
FEATURES
Large, 32 × 16, nonblocking switch array
G = +1 (ADV3202) or G = +2 (ADV3203) operation
32 × 32 pin-compatible version available (ADV3200/ADV3201)
Single +5 V, dual ±2.5 V, or dual ±3.3 V supply (G = +2)
Serial programming of switch array
2:1 OSD insertion mux per output
Input sync-tip clamp
High impedance output disable allows connection of
multiple devices with minimal output bus load
Excellent video performance
60 MHz 0.1 dB gain flatness
0.1% differential gain error (RL = 150 Ω)
0.1° differential phase error (RL = 150 Ω)
Excellent ac performance
Bandwidth: >300 MHz
Slew rate: >400 V/μs
Low power: 1 W
Low all hostile crosstalk: −48 dB @ 5 MHz
Reset pin allows disabling of all outputs
Connected through a capacitor to ground, provides
power-on reset capability
176-lead exposed pad LQFP package (24 mm × 24 mm)
APPLICATIONS
CCTV surveillance
Routing of high speed signals, including
Composite video (NTSC, PAL, S, SECAM)
RGB and component video routing
Compressed video (MPEG, wavelet)
Video conferencing
FUNCTIONAL BLOCK DIAGRAM
V
VNEG
DGND
DVCC
POS
DATA
OUT
ENABLE/
DISABLE
193-BIT SHIFT REGISTER
PARALLEL LATCH
16 × 5:32
DECODERS
ADV3202
(ADV3203)
OUTPUT
BUFFER
G = +1
(G = +2)
ENABLE/
BYPASS
16
97
96
512
SYNC-TIP
CLAMP
SWITCH
MATRIX
OSD
MUX
16
OUTPUTS
32
INPUTS
..
.
..
.
..
.
..
.
16
16
REFERENCE
CLK
DATA IN
VCLAMP
VREF
OSD
INPUTS
OSD
SWITCHES
UPDATE
CS
RESET
96
Figure 1.
GENERAL DESCRIPTION
The ADV3202/ADV3203 are 32 × 16 analog crosspoint switch
matrices. They feature a selectable sync-tip clamp input for
ac-coupled applications and a 2:1 on-screen display (OSD)
insertion mux. With −48 dB of crosstalk and −80 dB isolation
at 5 MHz, the ADV3202/ADV3203 are useful in many high
density routing applications. The 0.1 dB flatness out to 60 MHz
makes the ADV3202/ADV3203 ideal for both composite and
component video switching.
The 16 independent output buffers of the ADV3202/ADV3203
can be placed into a high impedance state for paralleling cross-
point outputs so that off-channels present minimal loading to
an output bus if building a larger array. The ADV3202 has a
gain of +1 while the ADV3203 has a gain of +2 for ease of use in
back-terminated load applications. A single +5 V supply, dual
±2.5 V supplies, or dual ±3.3 V supplies (G = +2) can be used
while consuming only 195 mA of idle current with all outputs
enabled. The channel switching is performed via a double
buffered, serial digital control that can accommodate daisy
chaining of several devices.
The ADV3202/ADV3203 are packaged in a 176-lead exposed
pad LQFP package (24 mm× 24 mm) and are available over the
extended industrial temperature range of −40°C to +85°C.


Similar Part No. - ADV3203ASWZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV3200 AD-ADV3200 Datasheet
1Mb / 36P
300 MHz, 32 횞 32 Buffered Analog Crosspoint Switch
REV. 0
ADV3200ASWZ AD-ADV3200ASWZ Datasheet
1Mb / 36P
300 MHz, 32 횞 32 Buffered Analog Crosspoint Switch
REV. 0
ADV3201 AD-ADV3201 Datasheet
1Mb / 36P
300 MHz, 32 횞 32 Buffered Analog Crosspoint Switch
REV. 0
ADV3201ASWZ AD-ADV3201ASWZ Datasheet
1Mb / 36P
300 MHz, 32 횞 32 Buffered Analog Crosspoint Switch
REV. 0
ADV3205 AD-ADV3205 Datasheet
341Kb / 20P
60 MHz, G = 2, 16 횞 16
REV. 0
More results

Similar Description - ADV3203ASWZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8116 AD-AD8116 Datasheet
287Kb / 26P
200 MHz, 16 x 16 Buffered Video Crosspoint Switch
REV.A
AD8106 AD-AD8106 Datasheet
571Kb / 28P
260 MHz, 16 횞 5 Buffered Video Crosspoint Switches
3/06-Revision 0
AD8117 AD-AD8117_07 Datasheet
1,021Kb / 36P
600 MHz, 32 횞 32 Buffered Analog Crosspoint Switch
REV. A
AD8177 AD-AD8177 Datasheet
854Kb / 40P
500 MHz, Triple 16 횞 5 Video Crosspoint Switch
Rev. 0
ADV3200 AD-ADV3200 Datasheet
1Mb / 36P
300 MHz, 32 횞 32 Buffered Analog Crosspoint Switch
REV. 0
ADV3226 AD-ADV3226 Datasheet
606Kb / 24P
750 MHz, 16 x 16 Analog Crosspoint Switch
REV. 0
AD8116JSTZ AD-AD8116JSTZ Datasheet
955Kb / 29P
200 MHz, 16  16 Buffered Video Crosspoint Switch
REV. B
AD8104 AD-AD8104_15 Datasheet
1,017Kb / 36P
600 MHz, 32 16 Buffered Analog Crosspoint Switch
REV. 0
AD8104 AD-AD8104 Datasheet
879Kb / 36P
600 MHz, 32 x 16 Buffered Analog Crosspoint Switch
REV. A
AD8117 AD-AD8117_16 Datasheet
935Kb / 36P
Buffered Analog Crosspoint Switch
5/16-Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com